Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5729MD Datasheet HTML 1Page - Texas Instruments TAS5729MD Datasheet HTML 2Page - Texas Instruments TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Thermal Pad
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
PGND
SPK_OUTA
BSTRPA
PVDD
TEST1
TEST2
DR_INA
DR_OUTA
DR_OUTB
DR_INB
DRVSS
DR_CN
DR_CP
DRVDD
PLL_GND
PLL_FLTM
PLL_FLTP
ANA_REG1
AVDD
ADR / SPK_FAULT
MCLK
OSC_RES
OSC_GND
DIG_REG
SPK_OUTB
BSTRPB
BSTRPC
SPK_OUTC
PGND
SPK_OUTD
BSTRPD
PVDD
GVDD_REG
DR_SDI
SSTIMER
ANA_REG2
AGND
DGND
DVDD
TEST3
RST
NC
SCL
SDA
SDIN
SCLK
LRCLK
PDN
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
PINOUT AND PIN DESCRIPTIONS
TSSOP PACKAGE
DCA-48
(TOP VIEW)
TAS5729MD Pin Out
PIN
TYPE(1)
TERMINATION
DESCRIPTION
NAME
NO.
Dual function terminal which sets the LSB of the 7-bit I²C address to 0 if pulled to
GND, 1 if pulled to DVDD. If configured to be a fault output via the System Control
ADR/SPK_FAULT
20
DI/DO
-
Register 2 (0x05), this terminal is pulled low when an internal fault with the speaker
amplifier occurs. A pull-up or pull-down resistor is required, as is shown in the
Typical Application Circuit Diagrams.
AGND
36
P
-
Ground for analog circuitry(2)
AVDD
19
P
-
Power supply for internal analog circuitry
Linear voltage regulator output derived from AVDD supply which is used for internal
ANA_REG1
18
P
-
analog circuitry. Nominal 1.8 V output.(3)
Linear voltage regulator output derived from AVDD supply which is used for internal
ANA_REG2
37
P
-
analog circuitry. Nominal 3.3 V output.(3)
Connection points for the bootstrap capacitors, which are used to create a power
BSTRPx
3, 42, 46, 47
P
-
supply for the high-side gate drive of the device
DGND
35
P
-
Ground for digital circuitry(2)
Linear voltage regulator output derived from DVDD supply which is used for internal
DIG_REG
24
P
-
digital circuitry(3)
Negative terminal for capacitor connection used in headphone amplifier and line
DR_CN
12
P
-
driver charge pump
Positive terminal for capacitor connection used in headphone amplifier and line
DR_CP
13
P
-
driver charge pump
DR_INx
7, 10
AI
-
Input for channel A or B of headphone amplifier or line driver
DR_OUTx
8, 9
AO
-
Output for channel A or B of headphone amplifier or line driver
DR_SDI
39
DI
-
Places the headphone amplifier/line driver in shutdown when pulled low.
Negative supply generated by charge pump for ground centered headphone and
DRVSS
11
P
-
line driver output
DRVDD
14
P
-
Power supply for internal headphone and line driver circuitry
(1)
TYPE: AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, P = Power, G = Ground (0V)
(2)
This terminal should be connected to the system ground
(3)
This terminal is provided as a connection point for filtering capacitors for this supply and must not be used to power any external
circuitry.
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com