Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments TAS5729MD Datasheet HTML 10Page - Texas Instruments TAS5729MD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
SPEAKER AMPLIFIER IN ALL MODES
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
11.025/22.05/44.1-kHz data rate ±2%
-
352.8
-
kHz
Speaker Amplifier Switching
fSPK_AMP
Frequency
48/24/12/8/16/32-kHz data rate ±2%
-
384
-
kHz
PVDD = 15 V, TA = 25 °C, Die Only
-
200
-
m
Ω
On Resistance of Output Mosfet
RDS(ON)
PVDD= 15V, TA = 25 °C, Includes: Die,
(both high-side and low-side)
-
240
-
m
Ω
Bond Wires, Leadframe
Internal Pulldown Resistor at
Connected when drivers are tri-stated to
RPD
Output of each Half-Bridge Making
-
3
-
k
Ω
provide bootstrap capacitor charge
up the Full Bridge Outputs
SPEAKER AMPLIFIER IN STEREO BRIDGE TIED LOAD (BTL) MODE
TA = 25°C, PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, audio input signal = 1 kHz sine wave, BTL, AD mode, fS = 48
kHz, RSPK = 8
Ω, AES17 filter, fPWM = 384 kHz, external components per Typical Application Circuit diagrams, and in
accordance with recommended operating conditions (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Unit
ICN(SPK)
Idle Channel Noise
PVDD = 18 V, A-Weighted
-
56
-
µVrms
PVDD = 13 V, 10% THD, 1-kHz input
-
10.5
-
W
signal
Maximum Continuous Output
PVDD = 8 V, 10% THD, 1-kHz input
Po(SPK)
-
4
-
W
Power Per. Ch.
signal
PVDD = 18 V, 10% THD, 1-kHz input
-
12
-
W
signal
Signal to Noise Ratio (Referenced
PVDD = 18V, A-weighted, f = 1 kHz,
SNR(SPK)
-
105
-
dB
to 0dBFS Input Signal)
maximum power at THD < 1%
PVDD = 18 V; PO = 1 W
-
0.15
-
%
Total Harmonic Distortion and
THD+N(SPK)
PVDD = 13 V; PO = 1 W
-
0.13
-
%
Noise
PVDD = 8 V; PO = 1 W
-
0.2
-
%
PO = 1 W, f = 1 kHz (BD mode)
-
–70
-
dB
Cross-talk (worst case between
X-Talk(SPK)
LtoR and RtoL coupling)
PO = 1 W, f = 1 kHz (AD mode)
-
–48
-
dB
SPEAKER AMPLIFIER IN STEREO POST-FILTER PARALLEL BRIDGE TIED LOAD (POST-FILTER
PBTL) MODE
TA = 25°C, PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, audio input signal = 1 kHz sine wave, BTL, AD mode, fS = 48
kHz, RSPK = 4
Ω, AES17 filter, fPWM = 384 kHz, external components per Typical Application Circuit diagrams, and in
accordance with recommended operating conditions (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Unit
ICN(SPK)
Idle Channel Noise
PVDD = 18 V, A-Weighted
-
42
-
µVrms
PVDD = 13 V, 10% THD, 1-kHz input
-
18.9
-
W
signal
Maximum Continuous Output
PVDD = 8 V, 10% THD, 1-kHz input
Po(SPK)
-
7.2
-
W
Power Per. Ch.
signal
PVDD = 18 V, 10% THD, 1-kHz input
-
24
-
W
signal
Signal to Noise Ratio (Referenced
PVDD = 18V, A-weighted, f = 1 kHz,
SNR(SPK)
-
105
-
dB
to 0dBFS Input Signal)
maximum power at THD < 1%
PVDD = 18 V; PO = 1 W
-
0.06
-
%
Total Harmonic Distortion and
THD+N(SPK)
PVDD = 13 V; PO = 1 W
-
0.03
-
%
Noise
PVDD = 8 V; PO = 1 W
-
0.15
-
%
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com