Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 4 Page - Texas Instruments

  TAS5729MD Datasheet HTML 1Page - Texas Instruments TAS5729MD Datasheet HTML 2Page - Texas Instruments TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
TAS5729MD Pin Out (continued)
DVDD
34
P
-
Power supply for the internal digital circuitry
GVDD_REG
40
P
-
Voltage regulator derived from PVDD supply(3)
LRCLK
26
DI
Pulldown
Word select clock of the serial audio port.
MCLK
21
DI
Pulldown
Master clock used for internal clock tree and sub-circuit and state machine clocking
Not connected inside the device (all NC terminals should be connected to ground
NC
31
-
-
for optimal thermal performance)
Ground for oscillator circuitry (this terminal should be connected to the system
OSC_GND
23
P
-
ground)
OSC_RES
22
AO
-
Connection point for oscillator trim resistor
Quick powerdown of the device that is used upon an unexpected loss of PVDD or
DVDD power supply in order to quickly transition the outputs of the speaker
PDN
25
DI
Pullup
amplifier to hi-Z. This quick powerdown feature avoids the audible anamolies that
would occur as a result of loss of either of the supplies.
PGND
1, 44
P
-
Ground for power device circuitry(2)
PLL_FLTM
16
AI/AO
-
Negative connection point for the PLL loop filter components
PLL_FLTP
17
AI/AO
-
Positive connection point for the PLL loop filter components
PLL_GND
15
P
-
Ground for PLL circuitry (this terminal should be connected to the system ground)
Thermal and ground pad that provides both an electrical connection to the ground
PowerPAD™
-
P
-
plane and a thermal path to the PCB for heat dissipation. This pad must be
grounded to the system ground. (4)
PVDD
4, 41
P
-
Power supply for internal power circuitry
RST
32
DI
Pullup
Places the device in reset when pulled low
SCL
30
DI
-
I²C serial control port clock
SCLK
27
DI
Pulldown
Bit clock of the serial audio port
SDA
29
DI/DO
-
I²C serial control port data
SDIN
28
DI
Pulldown
Data line to the serial data port
SPK_OUTx
2, 43, 45, 48
AO
-
Speaker amplifier outputs
Controls ramp time of SPK_OUTx to minimize pop. Leave this pin floating for BD
SSTIMER
38
AI
-
mode. Requires capacitor to GND in AD mode, as is shown in the Typical
Application Circuit Diagrams. The capacitor determines the ramp time.
TEST1
5
DO
-
Used for testing during device production (this terminal must be left floating)
TEST2
6
DO
-
Used for testing during device production (this terminal must be left floating)
TEST3
33
DI
-
Used for testing during device production (this terminal must be connected to GND)
(4)
This terminal should be connected to the system ground
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com