Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 35Page - Texas Instruments TAS5729MD Datasheet HTML 36Page - Texas Instruments TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments TAS5729MD Datasheet HTML 39Page - Texas Instruments TAS5729MD Datasheet HTML 40Page - Texas Instruments TAS5729MD Datasheet HTML 41Page - Texas Instruments TAS5729MD Datasheet HTML 42Page - Texas Instruments TAS5729MD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
VOLUME REGISTERS (0x07, 0x08, 0x09)
Step size is 0.125 dB and volume registers are 2 bytes.
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Volume Range: +24dB to -103.75dB
Step-Size: 0.125dB
Formula:
Target Volume Level (dB) = 'V'
•
Step-1: Calculate (24-V)/0.125
•
Step-2: Convert calculated decimal value to 2-byte hexadecimal to get the register hex-value
Examples:
Target Volume = 12dB
•
(24-12)/0.125 = 96
•
Converting decimal value 96 to 2-byte hexadecimal gives x0060
Target Volume = 0dB
•
(24-0)/0.125 = 192
•
Converting decimal value 192 to 2-byte hexadecimal gives x00C0
Target Volume = -12dB
•
(24-(-12)/0.125 = 36/0.125 = 288
•
Converting decimal value 288 to 2-byte hexadecimal gives x0120
Copyright © 2013, Texas Instruments Incorporated
39
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com