Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 30Page - Texas Instruments TAS5729MD Datasheet HTML 31Page - Texas Instruments TAS5729MD Datasheet HTML 32Page - Texas Instruments TAS5729MD Datasheet HTML 33Page - Texas Instruments TAS5729MD Datasheet HTML 34Page - Texas Instruments TAS5729MD Datasheet HTML 35Page - Texas Instruments TAS5729MD Datasheet HTML 36Page - Texas Instruments TAS5729MD Datasheet HTML 37Page - Texas Instruments TAS5729MD Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
Table 4. Serial Control Interface Register Summary (continued)
NO. OF
DEFAULT
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x5C
ch2_bq[10]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x5D
ch2_bq[11]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x5E
ch3_bq[0]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x5F
ch3_bq[1]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x60–0x61
4
Reserved(4)
0x62
IDF post scale
4
0x0000 0080
0x63–0x6A
Reserved(4)
0x6B
Left channel PWM level meter
4
Data[31:0]
0x0000 0000
0x6C
Right channel PWM level meter
4
Data[31:0]
0x0000 0000
0x6D–0x6F
Reserved(4)
0x70
ch1 inline mixer
4
u[31:26], in_mix1[25:0]
0x0080 0000
0x71
inline_AGL_en_mixer_ch1
4
u[31:26], in_mixAGL_1[25:0]
0x0000 0000
0x72
ch1 right_channel mixer
4
u[31:26], right_mix1[25:0]
0x0000 0000
0x73
ch1 left_channel_mixer
4
u[31:26], left_mix_1[25:0]
0x0080 0000
0x74
ch2 inline mixer
4
u[31:26], in_mix2[25:0]
0x0080 0000
0x75
inline_AGL_en_mixer_ch2
4
u[31:26], in_mixAGL_2[25:0]
0x0000 0000
0x76
ch2 left_chanel mixer
4
u[31:26], left_mix1[25:0]
0x0000 0000
0x77
ch2 right_channel_mixer
4
u[31:26], right_mix_1[25:0]
0x0080 0000
0x78–0xF7
Reserved(4)
0xF8
Update dev address key
4
Dev Id Update Key[31:0] (Key =
0x0000 0000
0xF9A5A5A5)
0xF9
Update dev address reg
4
u[31:8],New Dev Id[7:0] (New Dev Id = 0x38
0x0000 0056
for TAS5729MD)
0xFA–0xFF
4
Reserved(4)
(4)
Reserved registers should not be accessed.
All DAP coefficients are 3.23 format unless specified otherwise.
Registers 0x3B through 0x46 should be altered only during the initialization phase.
34
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com