Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 37Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 38Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 39Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 40Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 41Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 42Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 43Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 44Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
41
MICBIAS2 (eg. for a digital microphone supply), then the respective MICBIAS generator must be
configured in Bypass mode.
The MICBIAS configuration is illustrated in Figure 10.
Figure 10 MICBIAS Generator
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
(0001h)
Power
Managem
ent (1)
5
MICB2_ENA
0
Microphone Bias 2 Enable
0 = Disabled
1 = Enabled
4
MICB1_ENA
0
Microphone Bias 1 Enable
0 = Disabled
1 = Enabled
R61
(003Dh)
MICBIAS
1
5
MICB1_RATE
1
Microphone Bias 1 Rate
0 = Fast start-up / shut-down
1 = Pop-free start-up / shut-down
4
MICB1_MODE
1
Microphone Bias 1 Mode
0 = Regulator mode
1 = Bypass mode
3:1
MICB1_LVL [2:0]
100
Microphone Bias 1 Voltage Control
(when MICB1_MODE = 0)
000 = 1.5V
001 = 1.8V
010 = 1.9V
011 = 2.0V
100 = 2.2V
101 = 2.4V
110 = 2.5V
111 = 2.6V
0
MICB1_DISCH
1
Microphone Bias 1 Discharge
0 = MICBIAS1 floating when disabled
1 = MICBIAS1 discharged when disabled
R62
(003Eh)
MICBIAS
5
MICB2_RATE
1
Microphone Bias 2 Rate
0 = Fast start-up / shut-down
1 = Pop-free start-up / shut-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com