Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 93Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 94Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 95Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 96Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 97Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 98Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 99Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 100Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
97
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
Note 1
12
Note 1
16
Note 1
Note 1
22.05
Note 1
Note 1
24
Note 1
Note 1
32
Note 1
Note 1
44.1
Note 1
Note 1
48
Note 1
Note 1
88.2
Note 1
96
Note 1
When DAC_OSR128=0, DAC operation is only supported for the configurations indicated above
Table 51 DAC Clocking - DAC_OSR128 = 0 (Default)
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
12
16
22.05
Note 1
24
Note 1
32
Note 1
Note 1
44.1
Note 1
Note 1
48
Note 1
Note 1
88.2
Note 1
96
Note 1
When DAC_OSR128=1, DAC operation is only supported for the configurations indicated above
Table 52 DAC Clocking - DAC_OSR128 = 1
Note 1 - These clocking rates are only supported for ‘simple’ DAC-only playback modes, under the
following conditions:
AIF input is enabled on a single interface (AIF1 or AIF2) only, or is enabled on AIF1 and
AIF2 simultaneously provided AIF1 and AIF2 are synchronised (ie. AIF1CLK_SRC =
AIF2CLK_SRC)
All AIF output paths are disabled
All DSP functions (ReTune™ Mobile Parametric Equaliser, 3D stereo expansion and
Dynamic Range Control) are disabled
The clocking requirements in Table 51 and Table 52 are only applicable to the AIFnCLK that is
selected as the SYSCLK source. Note that both clocks (AIF1CLK and AIF2CLK) must satisfy the
requirements noted in the “Clocking and Sample Rates” section.
The applicable clocks (SYSCLK, and AIF1CLK or AIF2CLK) must be present and enabled when using
the Digital to Analogue Converters (DACs).
Note that the presence of a suitable clock is automatically detected by the WM1811A; if the clock
signal is absent, then any speaker or earpiece output driver(s) associated with the DAC signal paths
will be disabled. (This is applicable to the SPKOUTL, SPKOUTR and HPOUT2 outputs only,
whenever one or more DAC is routed to these output drivers.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com