Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 65Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 66Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 67Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 68Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 69Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 70Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 71Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 72Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
69
ULTRASONIC (4FS) AIF OUTPUT MODE
The WM1811A provides an ultrasonic mode on the output paths of the AIF1 audio interface. The
ultrasonic mode enables high frequency signals (such as ultrasonic microphone signals) to be output.
Ultrasonic mode is enabled on AIF1 using the AIF1ADC_4FS register bit. When the ultrasonic mode is
selected, the AIF1output sample rate is increased by a factor of 4. For example, a 48kHz sample rate
will be output at 192kHz in ultrasonic mode.
Ultrasonic mode is only supported in AIF Master mode and uses the ADCLRCLK output (not the
LRCLK). When ultrasonic mode is enabled, the AIF1 must be configured in Master mode, as
described in “Digital Audio Interface Control”.See “General Purpose Input/Output” to configure the
GPIO1 pin as ADCLRCLK1.The ADCLRCLK1 rate is controlled as described in “Digital Audio
Interface Control”.
When ultrasonic mode is enabled, the audio band filtering and digital volume controls (see “Digital
Volume and Filter Control”) are bypassed on the affected output paths.
The Dynamic Range Control (DRC) function is not available on the AIF1output signal paths in
ultrasonic mode. Note, however, that the DRC is still available on the AIF input paths in this case.
The ultrasonic (4FS) signal paths are illustrated in Figure 20. The AIF1ADC_4FS register bit is defined
in Table 24.
Figure 20 Ultrasonic (4FS) Signal Paths
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040 (0410h)
AIF1 ADC1
Filters
15
AIF1ADC_4FS
0
Enable AIF1ADC ultrasonic mode
(4FS) output, bypassing all AIF1
baseband output filtering
0 = Disabled
1 = Enabled
Table 24 Ultrasonic (4FS) Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com