Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 59Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 60Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 61Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 62Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 63Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 64Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 65Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 66Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
63
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AIF1DAC1R_TO
_DAC1R
0
Enable AIF1 (Right) to DAC1R
0 = Disabled
1 = Enabled
Table 19 DAC Output Digital Mixing
AUDIO INTERFACE 2 (AIF2) OUTPUT DIGITAL MIXING
There are two digital mixers associated with the AIF2 output channels. The inputs to each AIF2 mixer
comprise signals from AIF1, AIF2 and the digital sidetone signals.
Note that the Left/Right channels of the AIF1 and AIF2 inputs can be inverted or interchanged if
required; see “Digital Audio Interface Control”.
The AIF2 output mixer controls are defined in Table 20.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1540 (0604h)
AIF2ADC Left
Mixer Routing
5
ADCR_TO_AIF2
ADCL
0
Enable Sidetone STR to AIF2 Tx
(Left)
0 = Disabled
1 = Enabled
4
ADCL_TO_AIF2
ADCL
0
Enable Sidetone STL to AIF2 Tx
(Left)
0 = Disabled
1 = Enabled
2
AIF2DACL_TO_
AIF2ADCL
0
Enable AIF2 (Left) to AIF2 Tx (Left)
0 = Disabled
1 = Enabled
0
AIF1DAC1L_TO
_AIF2ADCL
0
Enable AIF1 (Left) to AIF2 Tx (Left)
0 = Disabled
1 = Enabled
R1541 (0605h)
AIF2ADC
Right Mixer
Routing
5
ADCR_TO_AIF2
ADCR
0
Enable Sidetone STR to AIF2 Tx
(Right)
0 = Disabled
1 = Enabled
4
ADCL_TO_AIF2
ADCR
0
Enable Sidetone STL to AIF2 Tx
(Right)
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_
AIF2ADCR
0
Enable AIF2 (Right) to AIF2 Tx
(Right)
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO
_AIF2ADCR
0
Enable AIF1 (Right) to AIF2 Tx
(Right)
0 = Disabled
1 = Enabled
Table 20 AIF2 Output Mixing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com