Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 45Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 46Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 47Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 48Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 49Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 50Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 51Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 52Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21
(0015h)
Input Mixer
(1)
7
IN1LP_MIXINL_BOOST
0
IN1LP Pin (PGA Bypass) to
MIXINL Gain Boost.
This bit selects the maximum gain
setting of the IN1LP_MIXINL_VOL
register.
0 = Maximum gain is +6dB
1 = Maximum gain is +15dB
R41
(0029h)
Input Mixer
(3)
8
IN2L_TO_MIXINL
0
IN2L PGA Output to MIXINL Mute
0 = Mute
1 = Un-Mute
7
IN2L_MIXINL_VOL
0
IN2L PGA Output to MIXINL Gain
0 = 0dB
1 = +30dB
5
IN1L_TO_MIXINL
0
IN1L PGA Output to MIXINL Mute
0 = Mute
1 = Un-Mute
4
IN1L_MIXINL_VOL
0
IN1L PGA Output to MIXINL Gain
0 = 0dB
1 = +30dB
2:0
MIXOUTL_MIXINL_VOL
[2:0]
000
(Mute)
Record Path MIXOUTL to MIXINL
Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R43
(002Bh)
Input Mixer
(5)
8:6
IN1LP_MIXINL_VOL
[2:0]
000
(Mute)
IN1LP Pin (PGA Bypass) to
MIXINL Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB (see note below).
When IN1LP_MIXINL_BOOST is
set, then the maximum gain
setting is increased to +15dB, ie.
111 = +15dB.
Note that VMID_BUF_ENA must
be set when using the IN1LP (PGA
Bypass) input to MIXINL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com