Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 64Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 65Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 66Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 67Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 68Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 69Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 70Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 71Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1556 (0614h)
DAC Softmute
1
DAC_SOFT
MUTEMODE
0
DAC/AIF2 Digital Output Mixer
Unmute Ramp select
0 = Unmuting the DAC / AIF2 volume
will immediately apply the
DAC1[L/R]_VOLor AIF2TX[L/R]_VOL
settings.
1 = Unmuting the DAC / AIF2 volume
will cause a gradual ramp up to the
DAC1[L/R]_VOLor AIF2TX[L/R]_VOL
settings.
0
DAC_MUTE
RATE
0
DAC/AIF2 Digital Output Mixer Soft
Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp
time is 10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp
time is 171ms at fs=48k)
(Note: ramp rate scales with sample
rate.)
Table 23 Digital Volume Soft-Mute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com