Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 87Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 88Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 89Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 90Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 91Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 92Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 93Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 94Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
91
When the noise gate is activated, the WM1811A gradually attenuates the AIF1 input signal paths until
each is entirely muted. When the signal level increases, and the noise gate is de-activated, the gain
will return to the AIF1DAC1L_VOL and AIF1DAC1R_VOL digital gain settings. The un-mute behaviour
can be immediate or gradual; this is determined by the AIF1DAC1_MUTERATE and
AIF1DAC1_UNMUTE_RAMP registers described in Table 41.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1072 (0430h)
AIF1 DAC1
Noise Gate
6:5
AIF1DAC1_
NG_HLD
[1:0]
11
AIF1DAC input path Noise Gate Hold Time
(delay before noise gate is activated)
00 = 30ms
01 = 125ms
10 = 250ms
11 = 500ms
3:1
AIF1DAC1_
NG_THR
[2:0]
100
AIF1DAC input path Noise Gate Threshold
000 = -60dB
001 = -66dB
010 = -72dB
011 = -78dB
100 = -84dB
101 = -90dB
110 = -96dB
111 = -102dB
0
AIF1DAC1_
NG_ENA
0
AIF1DAC input path Noise Gate Enable
0 = Disabled
1 = Enabled
Table 42 AIF1 Input Path Noise Gate Control
AIF1 - INPUT PATH MONO MIX CONTROL
A digital mono mix can be selected on the AIF1 input channels. The mono mix is generated as the
sum of the Left and Right AIF channel data. When the mono mix function is enabled, the combined
mono signal is applied to the Left channel and the Right channel of the AIF1 signal processing and
digital mixing paths. To prevent clipping, 6dB attenuation is applied to the mono mix.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1056 (0420h)
AIF1 DAC1
Filters (1)
7
AIF1DAC1_
MONO
0
AIF1DAC input path Mono Mix Control
0 = Disabled
1 = Enabled
Table 43 AIF1 Input Path Mono Mix Control
AIF2 - OUTPUT PATH VOLUME CONTROL
A digital volume control is provided on the AIF2 output signal paths, allowing attenuation in the range -
71.625dB to +17.625dB in 0.375dB steps. The level of attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  239;
MUTE for X = 0
+17.625dB for 239
 X  255
The AIF2ADC_VU bits control the loading of digital volume control data. When this bit is set to 0, the
AIF2ADCL_VOL and AIF2ADCR_VOL control data will be loaded into the respective control register,
but will not actually change the digital gain setting.
The AIF2ADCL_VOL and AIF2ADCR_VOL gain settings are updated when a 1 is written to
AIF2ADC_VU. This makes it possible to update the gain of left and right channels simultaneously.
Digital volume control is also possible within the digital core functions, after the audio signal has
passed through the AIF2 output digital mixers. See “Digital Mixing” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com