Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 9Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 10Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 11Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 12Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 13Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 14Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 15Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 16Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
13
ELECTRICAL CHARACTERISTICS
INPUT SIGNAL LEVEL
Test Conditions
AVDD1 = 3.0V.
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A1
Full-Scale PGA Input
Signal Level
See notes 1, 2, 3 and 4
Single-ended PGA input
1.0
0
Vrms
dBV
Differential PGA input
1.0
0
Vrms
dBV
A2
Full-Scale Line Input
Signal Level
See notes 1, 2, 3 and 4
Single-ended Line input to
MIXINL/R, SPKMIXL/R or
MIXOUTL/R mixers
1.0
0
Vrms
dBV
Differential mono line
input on VRXP/VRXN to
RXVOICE
1.0
0
Vrms
dBV
Notes:
1. The full-scale input signal level changes in proportion with AVDD1. It is calculated as AVDD1/3.0.
2. When mixing line inputs, input PGA outputs and DAC outputs the total signal must not exceed 1.0Vrms (0dBV).
3. A 1.0Vrms differential signal equates to 0.5Vrms/-6dBV per input.
4. A sinusoidal input signal is assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com