Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 25Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 26Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 27Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 28Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 29Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 30Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 31Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 32Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
29
TYPICAL PERFORMANCE
TYPICAL POWER CONSUMPTION
OPERATING MODE
TEST CONDITIONS
SPKVDD
(Note 3)
LDO1VDD
AVDD2
CPVDD
DBVDD
(Note 4)
TOTAL
Off (Battery Leakage only)
LDO1 disabled,
LDO2 disabled
4.2V
0.5
A
4.2V
0.63
A
0.0V
1.0
A
0.0V
0.2
A
0.0V
2.7
A
0.01mW
Standby
LDO1 disabled,
LDO2 enabled
All supplies present,
No clocks,
Default register settings
4.2V
0.5
A
4.2V
0.63
A
1.8V
58.5
A
1.8V
0.5
A
1.8V
44.7
A
0.19mW
Standby
LDO1 enabled,
LDO2 enabled
All supplies present,
No clocks,
Default register settings
4.2V
0.5
A
4.2V
74.5
A
1.8V
58
A
1.8V
0.5
A
1.8V
56.5
A
0.52mW
Music playback to Headphone (quiescent), Load = 32ohm
AIF1 to DAC to
HPOUT1 (stereo)
fs=44.1kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode,
Class W
4.2V
0.5
A
4.2V
2.27mA
1.8V
0.347mA
1.8V
0.393mA
1.8V
1.06mA
12.78mW
AIF1 to DAC to
HPOUT1 (stereo)
LDOs disabled,
See Note 7.
fs=44.1kHz,
Clocking rate=128fs,
24-bit I2S, Slave mode,
Class W
3.6V
0.5
A
AVDD1=
2.4V
1.68mA
1.8V
0.247mA
1.8V
0.334mA
DBVDD=
1.8V
0.5
A
DCVDD=
1.05V
0.706mA
5.82mW
Music playback to Class D speaker output (quiescent), Load = 8ohm + 22
H
AIF1 to DAC to
SPKOUT (stereo)
fs=44.1kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode,
+7.5dB Class D boost
4.2V
1.76mA
4.2V
2.04mA
1.8V
1.189mA
1.8V
0.5
A
1.8V
1.045mA
19.15mW
AIF1 to DAC to
SPKOUT (Left only)
fs=44.1kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode,
+7.5dB Class D boost
4.2V
0.88mA
4.2V
2.04mA
1.8V
0.753mA
1.8V
0.5
A
1.8V
1.045mA
15.5mW
Notes:
1. AVDD1 = 3.0V, generated by LDO1.
2. DCVDD = 1.05V, generated by LDO2.
3. SPKVDD = SPKVDD1 = SPKVDD2.
4. DBVDD = DBVDD1 = DBVDD2 = DBVDD3.
5. ISPKVDD = ISPKVDD1 + ISPKVDD2.
6. IDBVDD = IDBVDD1 + IDBVDD2 + IDBVDD3.
7. Power consumption for music playback with LDOs disabled requires an external supply for AVDD1 and DCVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com