Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM1811A Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 7Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 8Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 9Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 10Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 11Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 12Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 13Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 14Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltages (AVDD1, DBVDD2, DBVDD3)
-0.3V
+4.5V
Supply voltages (AVDD2, DCVDD, DBVDD1)
-0.3V
+2.5V
Supply voltages (CPVDD)
-0.3V
+2.2V
Supply voltages (SPKVDD1, SPKVDD2, LDO1VDD)
-0.3V
+7.0V
Voltage range digital inputs (DBVDD1 domain)
AGND -0.3V
DBVDD1 +0.3V
Voltage range digital inputs (DBVDD2 domain)
AGND -0.3V
DBVDD2 +0.3V
Voltage range digital inputs (DBVDD3 domain)
AGND -0.3V
DBVDD3 +0.3V
Voltage range digital inputs (DMICDAT)
AGND -0.3V
AVDD1 +0.3V
Voltage range analogue inputs(AVDD1 domain)
AGND -0.3V
AVDD1 +0.3V
Voltage range analogue inputs (MICDET, LINEOUTFB)
AGND -0.3V
AVDD1 +0.3V
Voltage range analogue inputs (HPOUT1FB)
AGND -0.3V
AGND +0.3V
Voltage range analogue inputs (JACKDET)
See note 1
CPVOUTN - 0.3V
AVDD2 +0.3V
Ground (DGND, CPGND, SPKGND1, SPKGND2, REFGND, HP2GND)
AGND -0.3V
AGND +0.3V
Operating temperature range, TA
-40ºC
+85ºC
Junction temperature, TJMAX
-40ºC
+150ºC
Storage temperature after soldering
-65ºC
+150ºC
Notes:
1.
CPVOUTN is an internal supply rail, generated by the WM1811A Charge Pump. The CPVOUTN voltage may vary between
AGND and -CPVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com