Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 52 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 48Page - STMicroelectronics STMPE1801BJR Datasheet HTML 49Page - STMicroelectronics STMPE1801BJR Datasheet HTML 50Page - STMicroelectronics STMPE1801BJR Datasheet HTML 51Page - STMicroelectronics STMPE1801BJR Datasheet HTML 52Page - STMicroelectronics STMPE1801BJR Datasheet HTML 53Page - STMicroelectronics STMPE1801BJR Datasheet HTML 54Page - STMicroelectronics STMPE1801BJR Datasheet HTML 55Page - STMicroelectronics STMPE1801BJR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Keypad controller
STMPE1801
52/60
Doc ID 17884 Rev 3
11.5.3
Keypad wakeup from Hibernate mode
The keypad controller is functional in Hibernate mode as long as it is enabled before
entering the Hibernate mode. It will then wake the system up into operational mode if a valid
key press is detected.
An asynchronous detection of the keypad column input activity is turned on during the
Hibernate mode. If any key activity is detected, the system wakes up into operational mode
for the de-bouncing of the key press to take place. If a valid key is detected, the system
stays in operational mode; otherwise, the device goes back into Hibernate mode.
11.5.4
Keypad controller combination key interrupt
The keypad controller (KPC) can be programmed to exit from Hibernate mode if a unique
combination keys is detected. These combination keys of up to 3 keys are specified in the
KPC combination set 0-2 registers.
There are 2 combination key operation modes. The modes can be set in the
COMB_KEY_MODE in the KPC_CTRL_HIGH register. In ‘OR’ mode, the device exits from
Hibernate mode on ANY of the 3 keys specified in the KPC combination set 0-2 registers. In
‘AND’ mode, the device exits from Hibernate mode ONLY if ALL of the 3 keys are pressed.
The sequence of the key pressed in not relevant as long as the 1-3 keys specified in the
KPC_COMB_KEY registers are detected, the KPC will exit from Hibernate mode and
interrupt the host. All the "active" keys must be pressed and held together, for the combi-key
interrupt to be generated.
If any other keys (beside those specified in the KPC_COMB_KEY_N registers) are pressed,
it would be considered an invalid combination and no interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com