Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 24Page - STMicroelectronics STMPE1801BJR Datasheet HTML 25Page - STMicroelectronics STMPE1801BJR Datasheet HTML 26Page - STMicroelectronics STMPE1801BJR Datasheet HTML 27Page - STMicroelectronics STMPE1801BJR Datasheet HTML 28Page - STMicroelectronics STMPE1801BJR Datasheet HTML 29Page - STMicroelectronics STMPE1801BJR Datasheet HTML 30Page - STMicroelectronics STMPE1801BJR Datasheet HTML 31Page - STMicroelectronics STMPE1801BJR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Interrupt system
STMPE1801
28/60
Doc ID 17884 Rev 3
INT_STA
Interrupt status register
Address:
08, 09
Type:
R
Reset:
0x00
Description:
The interrupt status register monitors the status of the interruption from a particular
interrupt source to the host. The INT_STA bits are constantly updated regardless
whether the INT_EN bits are enabled or not.
15
14
13
12
11
10
98765
43210
INT_STA_HIGH
INT_STA _LOW
RESERVED
IS4
IS3
IS2
IS1
IS0
R
R
R
R
R
R
RRRRRRRR
RR
0
0
0
0
0
0
00000
00001
[15:4] RESERVED
[4:0] IS[x]
Interrupt status (where x = 3 to 0)
Read:
IS0: Wake-up interrupt status
IS1: Keypad controller interrupt status
IS2: Keypad controller FIFO overflow interrupt status
IS3: GPIO controller interrupt status
IS4: Combination key interrupt status
Reading the INT_STA register clears all interrupt status bits to ‘0’ which had been set to ‘1’
prior to the read event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com