Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 22Page - STMicroelectronics STMPE1801BJR Datasheet HTML 23Page - STMicroelectronics STMPE1801BJR Datasheet HTML 24Page - STMicroelectronics STMPE1801BJR Datasheet HTML 25Page - STMicroelectronics STMPE1801BJR Datasheet HTML 26Page - STMicroelectronics STMPE1801BJR Datasheet HTML 27Page - STMicroelectronics STMPE1801BJR Datasheet HTML 28Page - STMicroelectronics STMPE1801BJR Datasheet HTML 29Page - STMicroelectronics STMPE1801BJR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Interrupt system
STMPE1801
26/60
Doc ID 17884 Rev 3
INT_CTRL
Interrupt control register
Address:
04, 05
Type:
R, R/W
Reset:
0x00
Description:
The interrupt control register is used to configure the interrupt controller. It has global
enable interrupt mask bit that controls the interruption to the host.
15
14
13
12
11
10
9876
5
4
3
2
1
0
INT_CTRL_HIGH
INT_CTRL_LOW
Reserved
IC2
IC1
IC0
RRRRRRR
RRR
R
R
R
RW
RW
RW
[15:3] RESERVED
[2] IC2: Output Interrupt polarity
‘0’ = Active low/falling edge
‘1’ = Active high/rising edge
[1] IC1: Output Interrupt type
‘0’ = Level interrupt
‘1’ = Edge interrupt (Pulse width of 200µs)
[0] IC0: Global interrupt mask bit
When this bit is written a ‘1’, it allows interruption to the host. If it is written with a ‘0’, then, it
disables all interruption to the host. Writing to this bit does not affect the INT_EN_MASK value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com