Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 28Page - STMicroelectronics STMPE1801BJR Datasheet HTML 29Page - STMicroelectronics STMPE1801BJR Datasheet HTML 30Page - STMicroelectronics STMPE1801BJR Datasheet HTML 31Page - STMicroelectronics STMPE1801BJR Datasheet HTML 32Page - STMicroelectronics STMPE1801BJR Datasheet HTML 33Page - STMicroelectronics STMPE1801BJR Datasheet HTML 34Page - STMicroelectronics STMPE1801BJR Datasheet HTML 35Page - STMicroelectronics STMPE1801BJR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
GPIO controller
STMPE1801
32/60
Doc ID 17884 Rev 3
10
GPIO controller
A total of 18 GPIOs are available in the STMPE1801 port expander device. Most of the
GPIOs are sharing physical pins with alternate functions. The GPIO controller contains the
registers that allow the host system to configure each of the pins into either a GPIO, or one
of the alternate functions. Unused GPIOs should be configured as outputs to minimize the
power consumption.
Table 13.
GPIO controller registers
Address
Register name
Description
Auto-increment
(during sequential
R/W)
10
GPIO_SET_LOW
GPIO set pin state register
Yes
11
GPIO_SET_MID
Yes
12
GPIO_SET_HIGH
Yes
13
GPIO_CLR_LOW
GPIO clear pin state register
Yes
14
GPIO_CLR_MID
Yes
15
GPIO_CLR_HIGH
Yes
16
GPIO_MP_LOW
GPIO monitor pin state register
Yes
17
GPIO_MP_MID
Yes
18
GPIO_MP_HIGH
Yes
19
GPIO_SET_DIR_LOW
GPIO set pin direction register
Yes
1A
GPIO_SET_DIR_MID
Yes
1B
GPIO_SET_DIR_HIGH
Yes
1C
GPIO_RE_LOW
GPIO rising edge register
Yes
1D
GPIO_RE_MID
Yes
1E
GPIO_RE_HIGH
Yes
1F
GPIO_FE_LOW
GPIO falling edge register
Yes
20
GPIO_FE_MID
Yes
21
GPIO_FE_HIGH
Yes
22
GPIO_PULL_UP_LOW
GPIO pull up register
Yes
23
GPIO_PULL_UP_MID
Yes
24
GPIO_PULL_UP_HIGH
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com