Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 39Page - STMicroelectronics STMPE1801BJR Datasheet HTML 40Page - STMicroelectronics STMPE1801BJR Datasheet HTML 41Page - STMicroelectronics STMPE1801BJR Datasheet HTML 42Page - STMicroelectronics STMPE1801BJR Datasheet HTML 43Page - STMicroelectronics STMPE1801BJR Datasheet HTML 44Page - STMicroelectronics STMPE1801BJR Datasheet HTML 45Page - STMicroelectronics STMPE1801BJR Datasheet HTML 46Page - STMicroelectronics STMPE1801BJR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
STMPE1801
Keypad controller
Doc ID 17884 Rev 3
43/60
KPC_CTRL_MID
Keypad controller control (Mid)
Address:
34
Type:
R/W
Reset:
0x31
Description:
Keypad control register.
76
5
4
3
2
1
0
DB[7:2]
DB0
RSVD
RW
RW
RW
RW
RW
RW
R
RW
01
1
0
0
0
1
0
[7:1] DB[7:2] and DB0:
DB0 bit is fixed to ‘1’.
10-127ms of de-bounce time
De-bounce time range is from 10 ms to 127 ms with 50 ms as the default.
[0] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com