Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 36Page - STMicroelectronics STMPE1801BJR Datasheet HTML 37Page - STMicroelectronics STMPE1801BJR Datasheet HTML 38Page - STMicroelectronics STMPE1801BJR Datasheet HTML 39Page - STMicroelectronics STMPE1801BJR Datasheet HTML 40Page - STMicroelectronics STMPE1801BJR Datasheet HTML 41Page - STMicroelectronics STMPE1801BJR Datasheet HTML 42Page - STMicroelectronics STMPE1801BJR Datasheet HTML 43Page - STMicroelectronics STMPE1801BJR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Keypad controller
STMPE1801
40/60
Doc ID 17884 Rev 3
11.2
Keypad controller registers
The mapping between the keypad controller (rows and columns) and the GPIO is based on
Section 2.3.
Table 14.
Keypad controller registers
Address
Register name
Description
Auto-increment
(during sequential R/W)
30
KPC_ROW
Keypad row register
Yes
31
KPC_COL_LOW
Keypad column register
Yes
32
KPC_COL_HIGH
Yes
33
KPC_CTRL_LOW
Keypad control register
Yes
34
KPC_CTRL_MID
Yes
35
KPC_CTRL_HIGH
Yes
36
KPC_CMD
Key command register
Yes
37
KPC_COMBI_KEY_0
Keypad combination key mask 0
Yes
38
KPC_COMBI_KEY_1
Keypad combination key mask 1
Yes
39
KPC_COMBI_KEY_2
Keypad combination key mask 2
Yes
3A
KPC_DATA_BYTE0
Keypad data register
Yes
3B
KPC_DATA_BYTE1
Yes
3C
KPC_DATA_BYTE2
Yes
3D
KPC_DATA_BYTE3
Yes
3E
KPC_DATA_BYTE4
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com