Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 38Page - STMicroelectronics STMPE1801BJR Datasheet HTML 39Page - STMicroelectronics STMPE1801BJR Datasheet HTML 40Page - STMicroelectronics STMPE1801BJR Datasheet HTML 41Page - STMicroelectronics STMPE1801BJR Datasheet HTML 42Page - STMicroelectronics STMPE1801BJR Datasheet HTML 43Page - STMicroelectronics STMPE1801BJR Datasheet HTML 44Page - STMicroelectronics STMPE1801BJR Datasheet HTML 45Page - STMicroelectronics STMPE1801BJR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Keypad controller
STMPE1801
42/60
Doc ID 17884 Rev 3
KPC_COL_LOW
Keypad controller column (LOW)
Address:
31
Type:
R/W
Reset:
0x00
Description:
Keypad column scanning register.
KPC_CTRL_LOW
Keypad controller control (Low)
Address:
33
Type:
R/W
Reset:
0x00
Description:
Keypad control register.
76
5
4
3
2
1
0
Output Column 0 - 7
RW
RW
RW
RW
RW
RW
RW
RW
00
0
0
0
0
0
0
[7:0] OUTPUT COLUMN 0-7:
‘1’: Turn on scanning of the corresponding column.
‘0’: Turn off
76
5
4
3
2
1
0
SCAN_COUNT 0 – 3
DKEY 0 – 3
RW
RW
RW
RW
RW
RW
RW
RW
00
0
0
0
0
0
0
[7:4] SCAN_COUNT_0-3:
Number of key scanning cycles elapsed before a confirmed key data is updated into output
data FIFO (0-15 cycles)
[3] DKEY_3: Set ‘1’ to use input row 3 as dedicated key
[2] DKEY_2: Set ‘1’ to use input row 2 as dedicated key
[1] DKEY_1: Set ‘1’ to use input row 1 as dedicated key
[0] DKEY_0: Set ‘1’ to use input row 0 as dedicated key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com