Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 10Page - STMicroelectronics STMPE1801BJR Datasheet HTML 11Page - STMicroelectronics STMPE1801BJR Datasheet HTML 12Page - STMicroelectronics STMPE1801BJR Datasheet HTML 13Page - STMicroelectronics STMPE1801BJR Datasheet HTML 14Page - STMicroelectronics STMPE1801BJR Datasheet HTML 15Page - STMicroelectronics STMPE1801BJR Datasheet HTML 16Page - STMicroelectronics STMPE1801BJR Datasheet HTML 17Page - STMicroelectronics STMPE1801BJR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
I2C specification
STMPE1801
14/60
Doc ID 17884 Rev 3
6
I2C specification
The features supported by the I2C interface are listed below:
●
I2C slave device
●
Operates at VCC (1.8 - 3.6 V)
●
Compliant to Philips I2C specification version 2.1
●
Supports standard (up to 100 kbps) and fast (up to 400 kbps) modes
●
7-bit device addressing modes
●
General call
●
Start/Restart/Stop
6.1
I2C related pins
●
SCL
●
SDA
The device supports both 1.8 V I2C and 3.3 V I2C operations. It is recommended that
Vpullup at SCL and SDA externally is greater or equal to VCC.
6.2
I2C addressing
The STMPE1801 7-bit addressing is set to 40h.
6.3
Start condition
A Start condition is identified by a falling edge of SDA while SCL is stable at high state. A
Start condition must precede any data/command transfer. The device continuously monitors
for a Start condition and does not respond to any transaction unless one is encountered.
The first byte is scanned after the START command is detected to check for device ID.
Ensure that all state machines are flushed when START instruction is issued.
6.4
Stop condition
A Stop condition is identified by a rising edge of SDA while SCL is stable at high state. A
Stop condition terminates the communication between the slave device and bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to the registers.
Once the Stop condition is detected, the device should release the bus and go to Hibernate
mode if there is no more activity.
An I2C transaction with a START bit followed immediately by a STOP condition should not
cause any I2C lock-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com