Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 47 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 43Page - STMicroelectronics STMPE1801BJR Datasheet HTML 44Page - STMicroelectronics STMPE1801BJR Datasheet HTML 45Page - STMicroelectronics STMPE1801BJR Datasheet HTML 46Page - STMicroelectronics STMPE1801BJR Datasheet HTML 47Page - STMicroelectronics STMPE1801BJR Datasheet HTML 48Page - STMicroelectronics STMPE1801BJR Datasheet HTML 49Page - STMicroelectronics STMPE1801BJR Datasheet HTML 50Page - STMicroelectronics STMPE1801BJR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
STMPE1801
Keypad controller
Doc ID 17884 Rev 3
47/60
KPC_DATA_BYTE0
Keypad data byte 0
Address:
3A
Type:
R
Reset:
0xF8
Description:
Keypad data register.
KPC_DATA_BYTE1
Keypad data byte 1
Address:
3B
Type:
R
Reset:
0xF8
Description:
Keypad data register.
76
5
4
3
2
1
0
UP/DWN
C3
C2
C1
C0
R2
R1
R0
RR
R
R
R
R
R
R
11
1
1
1
0
0
0
[7] UP/DWN:
0: key-down
1: key-up
[6:3] C[3:0]:
Column number of key 1 (valid range: 0000-1001)
0x1111: No key
[2:0] R[2:0]:
Row number of key 1 (valid range: 000-111)
76
5
4
3
2
1
0
UP/DOWN
C3
C2
C1
C0
R2
R1
R0
RR
R
R
R
R
R
R
11
1
1
1
0
0
0
[7] UP/DOWN:
0: key-down
1: key-up
[6:3] C[3:0]:
Column number of key 2 (valid range: 0000-1001)
0x1111: No key
[2:0] Row number of key 2 (valid range: 000-111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com