Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801BJR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STMPE1801BJR
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801BJR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STMPE1801BJR Datasheet HTML 46Page - STMicroelectronics STMPE1801BJR Datasheet HTML 47Page - STMicroelectronics STMPE1801BJR Datasheet HTML 48Page - STMicroelectronics STMPE1801BJR Datasheet HTML 49Page - STMicroelectronics STMPE1801BJR Datasheet HTML 50Page - STMicroelectronics STMPE1801BJR Datasheet HTML 51Page - STMicroelectronics STMPE1801BJR Datasheet HTML 52Page - STMicroelectronics STMPE1801BJR Datasheet HTML 53Page - STMicroelectronics STMPE1801BJR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Keypad controller
STMPE1801
50/60
Doc ID 17884 Rev 3
11.4
Keypad combination key registers
The 3 keypad controller mask registers contains the key combination to be used to wake up
the KPC and send an interrupt to the host system.
KPC_COMB_KEY_n
Keypad combination [n = 0-2]
Address:
38, 39
Type:
R/W
Reset:
0xF8
Description:
Keypad combination key mask registers.
Valid key press value must be entered. The valid range for STMPE1801 is 00 to 4F. Any
other value outside this range is not accepted and a none value of F8 is returned.
76
5
4
3
2
1
0
C4
C3
C2
C1
C0
R2
R1
R0
RW
RW
RW
RW
RW
RW
RW
RW
11
1
1
1
0
0
0
[7:3] C[4:0]: Column number of key n (valid range: 00000 – 01001)
[2:0] R[2:0]: Row number of key n (valid range: 000 – 111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com