Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 51Page - STMicroelectronics STMPE1801 Datasheet HTML 52Page - STMicroelectronics STMPE1801 Datasheet HTML 53Page - STMicroelectronics STMPE1801 Datasheet HTML 54Page - STMicroelectronics STMPE1801 Datasheet HTML 55Page - STMicroelectronics STMPE1801 Datasheet HTML 56Page - STMicroelectronics STMPE1801 Datasheet HTML 57Page - STMicroelectronics STMPE1801 Datasheet HTML 58Page - STMicroelectronics STMPE1801 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
STMPE1801
Package mechanical data
Doc ID 17884 Rev 3
55/60
Figure 11.
Footprint recommendation
Table 15.
Package mechanical data for Flip-chip CSP 25 (2.03 x 2.03 mm)
0.4 mm pitch
Symbol
Millimeters
Min
Typ
Max
A
0.55
0.605
0.660
A1
0.17
0.205
0.24
A2
0.38
0.4
0.42
b
0.215
0.255
0.295
D1.97
2
2.03
D1
-
1.6
-
E1.972
2.03
E1
-
1.6
-
e
0.36
0.4
0.44
f
0.190
0.200
0.210
ccc
-
0.05
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com