Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 23Page - STMicroelectronics STMPE1801 Datasheet HTML 24Page - STMicroelectronics STMPE1801 Datasheet HTML 25Page - STMicroelectronics STMPE1801 Datasheet HTML 26Page - STMicroelectronics STMPE1801 Datasheet HTML 27Page - STMicroelectronics STMPE1801 Datasheet HTML 28Page - STMicroelectronics STMPE1801 Datasheet HTML 29Page - STMicroelectronics STMPE1801 Datasheet HTML 30Page - STMicroelectronics STMPE1801 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
STMPE1801
Interrupt system
Doc ID 17884 Rev 3
27/60
INT_EN_MASK
Interrupt enable mask register
Address:
06, 07
Type:
R, R/W
Reset:
0x00
Description:
The interrupt enable mask register is used to enable the interruption from a particular
interrupt source to the host.
15
14
13
12
11
10
9876
5
4
3
2
1
0
INT_EN_MASK_HIGH
INT_EN_MASK_LOW
RESERVED
IE4
IE3
IE2
IE1
IE0
RRRRRRR
RRR
R
RW
RW
RW
RW
RW
0000000000
0
0
0
0
0
0
[15:4] RESERVED
[4:0] IE[x]:
Interrupt Enable Mask (where x = 3 to 0)
IE0: Default value is 0.
IE1: Keypad controller interrupt mask
IE2: Keypad controller FIFO overflow interrupt mask
IE3: GPIO controller interrupt mask
IE4: Combination key interrupt enable
Writing a ‘1’ to the IE[x] bit enables the interruption to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com