Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 27Page - STMicroelectronics STMPE1801 Datasheet HTML 28Page - STMicroelectronics STMPE1801 Datasheet HTML 29Page - STMicroelectronics STMPE1801 Datasheet HTML 30Page - STMicroelectronics STMPE1801 Datasheet HTML 31Page - STMicroelectronics STMPE1801 Datasheet HTML 32Page - STMicroelectronics STMPE1801 Datasheet HTML 33Page - STMicroelectronics STMPE1801 Datasheet HTML 34Page - STMicroelectronics STMPE1801 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
STMPE1801
Interrupt system
Doc ID 17884 Rev 3
31/60
9.3
Programming sequence
To configure and initialize the interrupt controller to allow interruption to host, observe the
following steps:
1.
Set the INT_EN_MASK and INT_EN_GPIO_MASK registers to the desired values to
enable the interrupt sources that are to be expected to receive from.
2.
Configure the output interrupt type and polarity and enable the global interrupt mask by
writing to the INT_CTRL.
3.
Wait for interrupt.
4.
Upon receiving an interrupt, the corresponding INT bit is asserted.
5.
The host comes to read the INT_STA register through the I2C interface. A ‘1’ in the
INT_STA bits indicates that the corresponding interrupt source is triggered.
6.
If the IS3 bit in INT_STA register is set, the interrupt is coming from the GPIO controller.
Then, a subsequent read is performed on the INT_STA_GPIO register to obtain the
interrupt status of all 18 GPIOs to locate the GPIO that triggers the interrupt. This is a
‘Hot Key’ feature.
7.
After obtaining the interrupt source that triggers the interrupt, the host performs the
necessary processing and operations related to the interrupt source.
8.
All IS[x] bits in INT_STA register and ISG[x] bits in INT_STA_GPIO register which are
set to ‘1’ prior to the read event are cleared to ‘0’ automatically once the reading of the
registers are completed.
9.
Any interrupt inputs received between reading and auto clearing of the registers are
kept in a shadow register and updated into the INT_STA and INT_STA_GPIO registers
once the auto clearing is completed.
10. Once the interrupt is cleared, the INT pin is also de-asserted if the interrupt type is level
interrupt. An edge interrupt only asserts a pulse width of 200 µs.
11. When the interrupt function is no longer required, the IC0 bit in INT_CTRL may be set
to ‘0’ to disable the global interrupt mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com