Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 16Page - STMicroelectronics STMPE1801 Datasheet HTML 17Page - STMicroelectronics STMPE1801 Datasheet HTML 18Page - STMicroelectronics STMPE1801 Datasheet HTML 19Page - STMicroelectronics STMPE1801 Datasheet HTML 20Page - STMicroelectronics STMPE1801 Datasheet HTML 21Page - STMicroelectronics STMPE1801 Datasheet HTML 22Page - STMicroelectronics STMPE1801 Datasheet HTML 23Page - STMicroelectronics STMPE1801 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
System controller
STMPE1801
20/60
Doc ID 17884 Rev 3
7.2
States of operation
Figure 4.
States of operation
The device has two main modes of operation:
Operational mode: This is the mode, whereby normal operation of the device takes
place. In this mode, the main finite state machine (FSM) unit routes 32 kHz clock to all
the device blocks.
Hibernate mode: This mode is entered automatically in auto-hibernate mode. When the
device is in Hibernate mode, the 32 kHz clock is disabled. If there is a keypad activity,
interrupt event, hotkey activity or I2C transaction, the device switches to operational
mode. A reset event brings back the system to operational mode.
7.2.1
Auto-hibernate
The STMPE1801 is set to go into Hibernate mode automatically if there is a period of
inactivity (~ 100 µs) following the completion of I2C transaction with the host. The
STMPE1801 will continue counting down for hibernation mode activation even if there is an
I2C transaction sent by the host to other slave devices. Any I2C transaction from the host to
the STMPE1801 resets the hibernate counter.
Auto-hibernate mode occurs only when all the keys are released and FIFO is emptied
through reading. This is to prevent any loss of data.
The hibernate mode counter should start when any of the following conditions is detected:
Once the I2C transaction is completed or a STOP condition is detected.
If the device ID in the I2C transaction is invalid.
When there is a keypad activity, the device should go into Hibernate mode ONLY when all
the previously pressed keys are released.
AM04176V1
Hibernate
3 2 kH z: O F F
O perational
3 2 kH z: O N
No a c tivity
(~ 100
μs)
Ke yp a d , in te rrupts
& I
2
C tra nsaction
(~ 48
μs)
Re s et



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com