Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 4Page - STMicroelectronics STMPE1801 Datasheet HTML 5Page - STMicroelectronics STMPE1801 Datasheet HTML 6Page - STMicroelectronics STMPE1801 Datasheet HTML 7Page - STMicroelectronics STMPE1801 Datasheet HTML 8Page - STMicroelectronics STMPE1801 Datasheet HTML 9Page - STMicroelectronics STMPE1801 Datasheet HTML 10Page - STMicroelectronics STMPE1801 Datasheet HTML 11Page - STMicroelectronics STMPE1801 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Maximum ratings
STMPE1801
8/60
Doc ID 17884 Rev 3
3
Maximum ratings
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
3.1
Absolute maximum ratings
3.2
Thermal data
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5
V
VIN
Input voltage on GPIO pin
4.5
V
VESD
Minimum ESD protection on each GPIO
pin (HBM model -
JESD22 A114-C)
±8
kV
VESD
ESD protection on other pins (HBM model -
JESD22 A114-C)
±3
kV
Table 5.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
RthJA
Thermal resistance junction-ambient
100
°C/W
TA
Operating ambient temperature
-40
25
85
°C
TJ
Operating junction temperature
-40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com