Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 15Page - STMicroelectronics STMPE1801 Datasheet HTML 16Page - STMicroelectronics STMPE1801 Datasheet HTML 17Page - STMicroelectronics STMPE1801 Datasheet HTML 18Page - STMicroelectronics STMPE1801 Datasheet HTML 19Page - STMicroelectronics STMPE1801 Datasheet HTML 20Page - STMicroelectronics STMPE1801 Datasheet HTML 21Page - STMicroelectronics STMPE1801 Datasheet HTML 22Page - STMicroelectronics STMPE1801 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
STMPE1801
System controller
Doc ID 17884 Rev 3
19/60
SYS_CTRL
System control register
Address:
02
Type:
R/W
Reset:
0x06
Description:
System control register.
76
5
4
3
2
1
0
SF_RST
RESERVED
GPI_DB1
GPI_DB0
RSVD
WR
R
R
R
RW
RW
R
00
0
0
0
1
1
0
[7] SF_RST: Soft Reset
Writing a ‘1’ to this bit will do a soft reset of the device. Once the reset is done, this bit is
cleared to ‘0’ by the HW.
[6:3] RESERVED
[2:1] GPI_DB [1:0]
GPI [17:0] operational mode de-bounce time
‘00’ = 30 µs
‘01’ = 90 µs
‘10’ = 150 µs
‘11’ = 210 µs (default)
[0] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com