Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 30Page - STMicroelectronics STMPE1801 Datasheet HTML 31Page - STMicroelectronics STMPE1801 Datasheet HTML 32Page - STMicroelectronics STMPE1801 Datasheet HTML 33Page - STMicroelectronics STMPE1801 Datasheet HTML 34Page - STMicroelectronics STMPE1801 Datasheet HTML 35Page - STMicroelectronics STMPE1801 Datasheet HTML 36Page - STMicroelectronics STMPE1801 Datasheet HTML 37Page - STMicroelectronics STMPE1801 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
GPIO controller
STMPE1801
34/60
Doc ID 17884 Rev 3
10.2
Hotkey feature
A GPIO is known as ‘Hotkey’ when it is configured to trigger an interruption to the host
whenever the GPIO input is being asserted. This feature is applicable in operational mode
as well as in Hibernate mode.
10.2.1
Programming sequence for Hotkey
1.
Configure the GPIO pin into input direction by setting the corresponding bit in the GPIO
set pin direction registers [GPIO_SET_DIR_yyy].
2.
Set the GPIO rising edge registers [GPIO_RE_yyy] and GPIO falling edge registers
[GPIO_FE_yyy] to the desired values to enable the rising edge or falling edge
detection.
3.
Configure and enable the interrupt controller to allow the interruption to the host.
4.
Now, the GPIO expander may enter Hibernate mode if there is no activity.
5.
Upon any hot-key being asserted, the device will wake up and issue an interrupt to the
host.
Below are the conditions to be fulfilled in order to configure a Hot Key:
1.
The pin is configured into GPIO mode and as input pin.
2.
The global interrupt mask bit is enabled.
3.
The corresponding GPIO interrupt mask bit is enabled.
10.2.2
Minimum pulse width
The minimum pulse width of the assertion of the Hotkey is dependent on the de-bounce
time configured. It must be greater than the de-bounce value configured. Any pulse width
less than the stated value may not be registered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com