Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 21Page - STMicroelectronics STMPE1801 Datasheet HTML 22Page - STMicroelectronics STMPE1801 Datasheet HTML 23Page - STMicroelectronics STMPE1801 Datasheet HTML 24Page - STMicroelectronics STMPE1801 Datasheet HTML 25Page - STMicroelectronics STMPE1801 Datasheet HTML 26Page - STMicroelectronics STMPE1801 Datasheet HTML 27Page - STMicroelectronics STMPE1801 Datasheet HTML 28Page - STMicroelectronics STMPE1801 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
STMPE1801
Interrupt system
Doc ID 17884 Rev 3
25/60
9.1
Interrupt system register map
9.2
Interrupt latency for the GPIO hot keys
When the generation of interrupts by the GPIO as input is enabled for the hot keys, the
latency (time taken from actual transition at GPIO to time of INT pin assertion) is shown in
the following table:
Table 11.
Interrupt system register map
Address
Register name
Description
Auto-increment
(during sequential R/W)
04
INT_CTRL_LOW
Interrupt control register
Yes
05
INT_CTRL_HIGH
Yes
06
INT_EN_MASK_LOW
Interrupt enable mask register
Yes
07
INT_EN_MASK_HIGH
Yes
08
INT_STA_LOW
Interrupt status register
Yes
09
INT_STA_HIGH
Yes
0A
INT_EN_GPIO_MASK_LOW
Interrupt enable GPIO mask register
Yes
0B
INT_EN_GPIO_MASK_MID
Yes
0C
INT_EN_GPIO_MASK_HIGH
Yes
0D
INT_STA_GPIO_LOW
Interrupt status GPIO register
Yes
0E
INT_STA_GPIO_MID
Yes
0F
INT_STA_GPIO_HIGH
Yes
Table 12.
GPIO hot keys interrupt latency
State of operation
Interrupt latency
Comments
Hibernation
>200 µs (default)
Latency can be programmed by
the GPI_DB bits of SYS_CTRL
register
Active
>200 µs (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com