Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 2Page - STMicroelectronics STMPE1801 Datasheet HTML 3Page - STMicroelectronics STMPE1801 Datasheet HTML 4Page - STMicroelectronics STMPE1801 Datasheet HTML 5Page - STMicroelectronics STMPE1801 Datasheet HTML 6Page - STMicroelectronics STMPE1801 Datasheet HTML 7Page - STMicroelectronics STMPE1801 Datasheet HTML 8Page - STMicroelectronics STMPE1801 Datasheet HTML 9Page - STMicroelectronics STMPE1801 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Pin settings
STMPE1801
6/60
Doc ID 17884 Rev 3
2.3
GPIO pin functions
C3
I/O
GPIO11
GPIO11/COL3
D3
I/O
GPIO12
GPIO12/COL4
E3
I/O
GPIO13
GPIO13/COL5
A2
I/O
GPIO14
GPIO14/COL6
B2
I/O
GPIO15
GPIO15/COL7
C2
I/O
GPIO16
GPIO16/COL8
D2
I/O
GPIO17
GPIO17/COL9
E1
O
INTB
Open drain interrupt output pin. Programmable active low
(a pull-up resistor is required) or active high (a pull-down
resistor is required). Fail safe. Pull to VCC if not in use.
A1
I
RSTB
External reset input. Active low. Fail safe. Reset pulse
width must be more than 500 µs to be valid.
C1
A
SDA
I2C data. Fail safe
D1
A
SCL
I2C clock. Fail safe
B4
-
NC
No connect
B1
-
VCC
Power supply
E2
-
GND
Ground
Table 2.
Pin description (continued)
Pin number
Type
Symbol
Name and function
Table 3.
GPIO pin function
Name
Primary function
Alternate function
GPIO0
GPIO
Keypad row 0
GPIO1
GPIO
Keypad row 1
GPIO2
GPIO
Keypad row 2
GPIO3
GPIO
Keypad row 3
GPIO4
GPIO
Keypad row 4
GPIO5
GPIO
Keypad row 5
GPIO6
GPIO
Keypad row 6
GPIO7
GPIO
Keypad row 7
GPIO8
GPIO
Keypad column 0
GPIO9
GPIO
Keypad column 1
GPIO10
GPIO
Keypad column 2
GPIO11
GPIO
Keypad column 3
GPIO12
GPIO
Keypad column 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com