Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1801 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPE1801
Description  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 33Page - STMicroelectronics STMPE1801 Datasheet HTML 34Page - STMicroelectronics STMPE1801 Datasheet HTML 35Page - STMicroelectronics STMPE1801 Datasheet HTML 36Page - STMicroelectronics STMPE1801 Datasheet HTML 37Page - STMicroelectronics STMPE1801 Datasheet HTML 38Page - STMicroelectronics STMPE1801 Datasheet HTML 39Page - STMicroelectronics STMPE1801 Datasheet HTML 40Page - STMicroelectronics STMPE1801 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
STMPE1801
Keypad controller
Doc ID 17884 Rev 3
37/60
key-press ROW. This is because the row and column node of key press are shorted
together.
4.
The state machine continues to poll while the key is still pressed and is reinitialized
once all the keys are released.
The key detection sequence is described below:
1.
The column outputs are initially not driven.
2.
Then the row inputs are checked for any special function keys.
3.
Next, the columns are checked for any normal key presses.
4.
With the internal pull-down resistor on the columns, the column senses a logic low. But
when there is a normal key press, the pull up on the row and pull down on the column
forms a resistor voltage divider. Since the pull up resistor is sized much smaller than
the pull down resistor, the voltage on the column is pulled to logic high state.
5.
Then only the configured columns that sensed a high are driven low in turn and check
for normal key presses.
This eliminates the need to drive columns that do not have any key press. This in turn
reduces the switching amount and hence the reduction in noise and EMI.
Also the 4 mA IO during GPIO mode is 1 mA in keypad mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com