Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 7 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 7 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 3Page - Intel Corporation NHIXP435AD Datasheet HTML 4Page - Intel Corporation NHIXP435AD Datasheet HTML 5Page - Intel Corporation NHIXP435AD Datasheet HTML 6Page - Intel Corporation NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation NHIXP435AD Datasheet HTML 10Page - Intel Corporation NHIXP435AD Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
7
2.0 Summary Table of Changes
2.2
Non-Intel XScale® Technology Errata
Errata
No.
Steppings
Page
Status
Errata
Intel®
IXP43X
Product
Line of
Network
Processors
A0
Intel®
IXP43X
Product
Line of
Network
Processors
A1
1
XX
11
No Fix
HDLC Coprocessor Is Unable to Capture the Alignment Error
on a Specific Frame Pattern
2
XX
11
No Fix
PCI Accesses to the Queue Manager During Queue and SRAM
Mode
3
XX
11
No Fix
Ethernet Control Protocol Frames Transmit-Defer Status Bit
Error
4
XX
11
No Fix
PCI Doorbell Register Lock-up Condition When Using Two
Products Together that have Intel® IXP4XX Product Line of
Network Processors
5
XX
12
No Fix
Intel XScale® Processor Non-Branch Instruction in Vector
Table
6
XX
12
No Fix
EX_IOWAIT_N Timing
7
XX
12
No Fix
Ethernet Coprocessors — Ethernet Pad Enable Overrides
Append FCS
8
XX
12
No Fix
Ethernet Coprocessors — Length Errors on Received Frames
9
XX
13
No Fix
False PCI DMA Completion Notification Causing Data
Corruption
10
XX
13
No Fix
PCI Hangs With a Multiple Inbound Error Condition
11
XX
13
No Fix
UART — Break Condition Asserted Too Early If Two Stop Bits
are Used
12
XX
14
No Fix
Ethernet Coprocessors — Address Filtering Logic Ignores the
Second to Last Nibble of the Destination Address
13
XX
14
No Fix
Ethernet MACs Detect Late Collision Earlier Than
Ethernet 802.3 Specifications
14
XX
14
No Fix
Read of PCI Controllers BAR 32'h XXFF_FFFC Rd[N] Corrupts
Subsequent Rd[N+1]
15
XX
14
No Fix
UART Operating in Non-FIFO Mode Can Falsely Receive
Overrun Error
16
XX
15
No Fix
Ethernet MAC Does Not Detect Transmit FIFO Under-runs
Reliably
17
X
15
Fixed
Expansion Bus Bootup Failure
18
X
15
Fixed
Incorrect Reset Value of GPIO_INR[0] and GPIO_ISR[0]
19
XX
15
No Fix
USB Under-run errors when both USB ports perform
Interrupt OUT transfers.
20
XX
16
No Fix
Incorrect Inter-Packet Delay on USB interface.
21
XX
16
No Fix
USB 2.0 Device Reset during Bulk Out Transaction
22
XX
16
No Fix
RX FIFO Overflow Condition Not Properly Captured in the Rx
Status Register
23
XX
17
No Fix
Incorrect Strapping Configuration during Bootup
24
XX
17
No Fix
Strong Pull-up Resistor Attached to the JTG_TRST_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com