Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 17 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 17 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 13Page - Intel Corporation NHIXP435AD Datasheet HTML 14Page - Intel Corporation NHIXP435AD Datasheet HTML 15Page - Intel Corporation NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
17
4.0 Non-Intel XScale® Technology Errata Descriptions
condition. In addition, the Ethernet NPE uses internal control state to prevent repetitive
flushing of the MAC Rx Engine FIFO.
Status:
No Fix.
23.
Incorrect Strapping Configuration during Bootup
Problem:
The EX_ADDR[23:0] has a strong pull-up resistor attached internally. During bootup,
the strapping value will be read incorrectly when the EX_ADDR[23:0] is attached to
1K ohm pull-down resistor.
Implication: Incorrect strapping configuration will be read during bootup.
Workaround: A 470 ohm pull-down is required to override the internal pull-up resistor.
Status:
No Fix.
24.
Strong Pull-up Resistor Attached to the JTG_TRST_N
Problem:
The JTG_RST_N has a strong pull-up resistor attached internally. During bootup, the
IEEE 1149.1 JTAG interface is unable to detect a ‘low’ at the JTG_TRST_N pin when it is
attached to a 10K ohm pull-down resistor.
Implication: Intermittent bootup problem.
Workaround: A 100 ohm pull-down is required to override the internal pull-up resistor.
Status:
No Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com