Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 13 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 13 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 9Page - Intel Corporation NHIXP435AD Datasheet HTML 10Page - Intel Corporation NHIXP435AD Datasheet HTML 11Page - Intel Corporation NHIXP435AD Datasheet HTML 12Page - Intel Corporation NHIXP435AD Datasheet HTML 13Page - Intel Corporation NHIXP435AD Datasheet HTML 14Page - Intel Corporation NHIXP435AD Datasheet HTML 15Page - Intel Corporation NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
13
4.0 Non-Intel XScale® Technology Errata Descriptions
not equal to 64 bytes, and the entry in the length field is less than 46, but not zero.
Workaround: None.
Status:
No Fix.
9.
False PCI DMA Completion Notification Causing Data Corruption
Problem:
The PADC1, PADC0, APDC1, and APDC0 complete bits in the PCI_DMACTRL register will
not be cleared under certain conditions when the Intel XScale® Processor performs a
write-1-to-clear (W1C) to the appropriate bit. If another PCI DMA transfer is initiated
after the clear to the PCI_DMACTRL register, an indication of complete will occur before
the DMA transfer has been finished (because the complete bit may not have been
cleared).
Implication: DMA data will not be transferred as programmed in the PCI DMA registers.
Workaround: Following two workarounds are available:
• Mask the PADC/APDC enables in the PCI_INTEN register and use software to poll
the EN (bit 31) of the appropriate PCI_ATPDMA0_LENGTH, PCI_PTADMA0_LENGTH
and PCI_ATPDMA1_LENGTH, PCI_PTADMA1_LENGTH register to indicate whether
the DMA transfer was completed.
• If interrupts are preferred, after writing a 1 to clear the appropriate complete bit in
the PCI_DMACTRL register, read the PCI_DMACTRL register back and ensure the
appropriate complete bit was cleared. If not cleared, repeat this step until the
appropriate complete bit is cleared.
Status:
No Fix.
10.
PCI Hangs With a Multiple Inbound Error Condition
Problem:
The PCI controller may lock up if there are multiple errors occurring around two
different inbound PCI transactions.
A lock-up will occur when:
1. An inbound PCI read that targets an internal slave such as the expansion bus or
Queue Manager results in an AHB error that occurs due to the PCI controller
generating an illegal AHB transfer type on the target.
AND
2. A second inbound PCI transfer is started while the first PCI read is still pending and
the second PCI transfer detects a PCI address or data parity error.
Implication: The PCI controller will continue to retry all inbound transactions, and the PCI bus will
lock up.
Workaround: When the PCI controller has an AHB error logged (PCI_ISR.AHBE = 1), a PCI parity
error is logged (PCI_SRCR.DPE = 1), and the PCI controller retries every inbound
transaction; the system board must reset the IXP43X network processors.
Status:
No Fix.
11.
UART — Break Condition Asserted Too Early If Two Stop Bits are Used
Problem:
The break condition is asserted after the time of the first stop bit, even if two stop bits
are used.
Implication: In the following scenario, a break condition will be raised on valid data:
1. A byte consisting only zeros is received.
2. The first stop bit sampling is missed, and only the second one is sampled.
Workaround: Do not use two stop bits.
Status:
No Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com