Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 15 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 15 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 11Page - Intel Corporation NHIXP435AD Datasheet HTML 12Page - Intel Corporation NHIXP435AD Datasheet HTML 13Page - Intel Corporation NHIXP435AD Datasheet HTML 14Page - Intel Corporation NHIXP435AD Datasheet HTML 15Page - Intel Corporation NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
15
4.0 Non-Intel XScale® Technology Errata Descriptions
Status:
No Fix.
16.
Ethernet MAC Does Not Detect Transmit FIFO Under-runs Reliably
Problem:
There is a transmit race condition in the 10/100 Ethernet MAC. The race condition
happens when the 10/100 Ethernet MACs transmit FIFO is filled on the same transmit
clock as the transmit FIFO under-run occurs on the line side. If the race condition were
to happen, the 10/100 MAC may end up appending four more bytes of indeterminate
data to the Ethernet frame that is transmitted on the line. The FCS will be generated on
the frame that includes the four extra bytes so the receiver will not detect any problem
with the Frame.
Currently no customers have experienced this problem or a problem with similar
symptoms with years of testing and millions of units productized and deployed.
Implication: This problem can potentially occur in situations of intense NPE load (VLAN/QoS, fire
wall, header conversion) resulting in the transmission of corrupt frames. This problem
is detectable in applications that run any upper-layer protocol. For example, Layer 3/4
in the network application stack will detect this problem (because of IP checksum error)
and drop the packet before it reaches the application. This error is undetectable by the
receiver.
Workaround: None.
Status:
No Fix.
17.
Expansion Bus Bootup Failure
Problem:
EX_DATA is switching between input and output during bootup sequence. As the output
buffer is always enabled, the bootup code cannot be driven into the Intel XScale
processor successfully.
Implication: After reset, the Intel® IXP43X Product Line of Network Processors performs read
transaction through Expansion Bus. The IXP43X product line of network processors
continues to drive the EX_DATA[15:0] even when EX_RD_N is asserted. This causes a
bus contention with the target device on the Expansion Bus. The IXP43X product line of
network processors also drives the EX_DATA[15:0] with values from EX_ADDR[15:0]
appearing as if it is attempting to perform a multiplexed mode read transaction.
However, the EX_ALE were not asserted, and it does not release the EX_DATA for the
target device.
Workaround: None.
Status:
Fixed.
18.
Incorrect Reset Value of GPIO_INR[0] and GPIO_ISR[0]
Problem:
GPIO[0] has a weak pull-up to 3.3V, if the GPIO0 is configured as input. The weak
pull-up will appear internally and propagate all the way to the interrupt status register,
INTR_ST. It will interrupt only the Intel XScale processor via either IRQ or FIQ
(INTR_EN bit 6) that corresponds to the enabled GPIO0.
Implication: The value of the GPIO_INR[15:0] and GPIO_ISR[15:0] should be zero when configured
as input; though the value read back from the Intel® IXP43X Product Line of Network
Processors does not indicate all zero. The read back value of the GPIO_INR[15:1] and
GPIO_ISR[15:1] are zeros, while the GPIO_INR[0] and GPIO_ISR[0] are ones.
Workaround: None.
Status:
Fixed.
19.
USB Under-run errors when both USB ports perform Interrupt OUT
transfers.
Problem:
Under-run errors are noticed on USB ports when both the ports are performing
Interrupt OUT transfers. Single port will not report any error. The under-run error
notifies that the host is ready to transmit, but the data is not available in transmit
buffer.
Implication: Interrupt OUT transfer is not supported on both the USB ports simultaneously.
Workaround: Do not perform Interrupt OUT transfer on both ports simultaneously. Use single port
instead. The Interrupt OUT pipe is optional. If no Interrupt OUT endpoint is declared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com