Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 11 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 11 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation NHIXP435AD Datasheet HTML 10Page - Intel Corporation NHIXP435AD Datasheet HTML 11Page - Intel Corporation NHIXP435AD Datasheet HTML 12Page - Intel Corporation NHIXP435AD Datasheet HTML 13Page - Intel Corporation NHIXP435AD Datasheet HTML 14Page - Intel Corporation NHIXP435AD Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
11
4.0 Non-Intel XScale® Technology Errata Descriptions
4.0
Non-Intel XScale® Technology Errata Descriptions
1.
HDLC Coprocessor Is Unable to Capture the Alignment Error on a
Specific Frame Pattern
Problem:
Based on ITU-T Q.921, during transmission, a bit stuffing ‘0’ is inserted after five
consecutive ‘1’ bits (including the FCS field) and then removed at the receiving end.
The bit stuffing ensures that the data does not appear as the ‘end of frame’ flag
(01111110). If five ‘1’s are received without a bit stuffing ‘0’, a ‘byte alignment error’
will be issued. The HDLC controller of the IXP43X product line of network processors
will not issue a ‘byte alignment error’ when the following boundary condition occurs:
1. The receiving frame ends with five ‘1’s (FCS) followed by an ‘end of frame’ flag:
“xx011111 01111110”
AND
2. The ‘end of frame’ flag received is byte aligned.
Implication: An HDLC frame received by the IXP43X product line of network processors HDLC
controller from a Q.921 compliant HDLC controller with the same pattern described
above will not generate a ‘byte alignment error’; an FCS error will be issued by the
HDLC controller.
Workaround: None
Status:
No Fix.
2.
PCI Accesses to the Queue Manager During Queue and SRAM Mode
Problem:
Under certain data traffic, the PCI controller may generate spurious write transfers and
may return incorrect data on reads while accessing the Queue Manager in SRAM mode.
Additionally, if the Queue Manager is being used in the Queue mode, PCI accesses must
not use memory-mapped registers BAR0-3 as these accesses cause pre-fetches during
reads.
Implication: Pre-fetches will cause loss of queue data.
Workaround: Do not use the Queue Manager's SRAM mode during PCI accesses. Instead use the
DDRII/DDRI SDRAM memory space while generating PCI accesses to the memory
space of the IXP43X network processors. An external PCI master must use PCI BAR5
while accessing the Queue Manager in Queue mode.
Status:
No Fix.
3.
Ethernet Control Protocol Frames Transmit-Defer Status Bit Error
Problem:
Ethernet control protocol transmit frames of size 64 or less result in the Transmit-Defer
status bit being set regardless of the gap between the frames.
Implication: The Transmit-Defer Status bit in the IXP43X network processors is unusable.
Workaround: None.
Status:
No Fix.
4.
PCI Doorbell Register Lock-up Condition When Using Two Products
Together that have Intel® IXP4XX Product Line of Network Processors
Problem:
It is possible that the PCI bus can get in a locked condition when multiple products
using the IXP4XX product line processors are connected in a system and these systems
are using the PCI doorbell registers of the IXP4XX product line processors. This lockup
occurs only when both the IXP4XX product line processors attempt to access each
other’s PCI doorbell register at a particular instance. This error occurs only on reads of
the of the doorbell register.
Implication: When using two products that use the IXP4XX product line processors and their PCI
doorbell registers, PCI doorbell register reads cannot be implemented.
Workaround: Perform doorbell register write from PCI bus to generate interrupt, and use regular
memory to pass information.
Status:
No Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com