Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 20 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 20 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation NHIXP435AD Datasheet HTML 22Page - Intel Corporation NHIXP435AD Datasheet HTML 23Page - Intel Corporation NHIXP435AD Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
5.0 Intel XScale® Technology Errata Descriptions
Intel® IXP43X Product Line of Network Processors
Specification Update
December 2008
20
Order Number: 316847; Revision: 005US
6.
Disabling and Re-Enabling the MMU Can Hang the Processor or Cause
It to Execute the Wrong Code
Problem:
When the MMU is disabled via the CP15 control register (CP15, CR1, opcode_2 = 0, bit
0) after being enabled, certain timing cases can cause the processor to hang. In
addition to this, re-enabling the MMU after disabling it can cause the processor to fetch
and execute code from the wrong physical address. To avoid these issues, the following
code sequence must be used whenever disabling the MMU or re-enabling it afterwards.
Workaround: The following code sequence can be used to disable and/or re-enable the MMU safely.
The alignment of the mcr instruction that disables or re-enables the MMU must be
controlled carefully so that it resides in the first word of an instruction cache line.
Status:
No Fix.
7.
Updating the JTAG Parallel Registers Requires an Extra TCK Rising
Edge
Problem:
The IEEE 1149.1 specification states that the effect of updating all parallel JTAG
registers should be seen on the falling edge of TCK in the Update-DR state. The Intel
XScale processor parallel JTAG registers require an extra TCK rising edge to make the
update visible. Therefore, operations like hold-reset, JTAG break, and vector traps
require either an extra TCK cycle by going to Run-Test-Idle or by cycling through the
state machine again in order to trigger the expected hardware behavior.
Workaround: When the JTAG interface is polled continuously, this erratum has no effect. If not, an
extra TCK cycle can be caused by going to Run-Test-Idle after writing a parallel JTAG
register.
Status:
No Fix.
8.
Non-Branch Instruction in Vector Table May Execute Twice After a
Thumb Mode Exception
Problem:
When an exception occurs in thumb mode and a non-branch instruction is executed at
the corresponding exception vector, that instruction may execute twice. The
instructions located at exception vectors must be branch instructions that go to the
appropriate handler, but the ARM architecture allows the FIQ handler to be placed
directly at the FIQ vector (0x0000001c/0xffff001c) without requiring a branch. Due to
@ The following code sequence takes r0 as a parameter. The value of r0 will be
@written to the CP15 control register to either enable or disable the MMU.
mcr p15, 0, r0, c10, c4, 1 @ unlock I-TLB
mcr p15, 0, r0, c8, c5, 0 @ invalidate I-TLB
mrc p15, 0, r0, c2, c0, 0 @ CPWAIT
mov r0, r0
sub pc, pc, #4
b 1f @ branch to aligned code
.align 5
1:
mcr p15, 0, r0, c1, c0, 0 @ enable/disable MMU, caches
mrc p15, 0, r0, c2, c0, 0 @ CPWAIT
mov r0, r0
sub pc, pc, #4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com