Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 23 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 23 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation NHIXP435AD Datasheet HTML 22Page - Intel Corporation NHIXP435AD Datasheet HTML 23Page - Intel Corporation NHIXP435AD Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
23
6.0 Specification Changes
3) Software must wait for at least 2 cycles. Then configure the DCALADDR register
(Hex offset: CC00 F504) with bit[1:0]=’01’, and bit[9:7]=’111’. (To issue a OCD Exit
command)
Note:
Other fields in the DCALCSR and DCALADDR registers should be left as ‘zero’ (default
value after reset). The ‘Qoff’, ‘RDQS’, and ‘DQS’ fields are mapped to DCALADDR
register bit[12:10] respectively.
The DLL enabled is configured through writing ‘0100’ to the SDIR register. The Rtt is
configured by writing to SDCR0 register bit[5:4].
Procedure to modify the bootloader (for EMRS OCD instruction):
Solution for Redboot* platform (packages/hal/arm/xscale/ixdp435/current/include/
hal_ixp425.h) as illustrated in Figure 2.
Solution for Redboot* platform (packages/hal/arm/xscale/ixdp435/current/include/
hal_platform_setup.h). Add in the EMRS code (bold) in between Step 14 and Step 15,
as illustrated in Figure 3.
Affected Docs:Intel® IXP43X Product Line of Network Processors Developer’s Manual.
Figure 2.
Define DDR_DCALCSR and DDR_DCALADDR Registers
Figure 3.
EMRS Code Example
// Step 14. Issue mode register set w/o DLL reset
mov
r1, #DDR_SDIR_MODE_SET_NO_RESET
str
r1, [r0, #IXP_DDR_SDIR]
DELAY 0x100000, r1
//*********Added steps:EMRS OCD Calibration Default********
ldr
r2, [r0, #IXP_DDR_DCALADDR] //save DCALADDR value in r2 before modifying
ldr
r1, = 0x01000003
//set bit24=1 for SDRAM Enable
//set bits[0:1] for EMRS OCD Default
str
r1, [r0, #IXP_DDR_DCALCSR]
ldr
r1, =0x00000381
//set bits [9:7] and bit 0 for EMRS OCD Default
str
r1, [r0, #IXP_DDR_DCALADDR]
DELAY
0x100000, r1
//*********Added steps:EMRS OCD Calibration Mode Exit******
ldr
r1, =0x00000001
//set bit 0 only for exit
str
r1, [r0, #IXP_DDR_DCALADDR]
DELAY
0x100000, r1
str
r2, [r0, #IXP_DDR_DCALADDR] //restore original DCALADDR value
// Step 15. Start normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com