Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 16 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 16 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 12Page - Intel Corporation NHIXP435AD Datasheet HTML 13Page - Intel Corporation NHIXP435AD Datasheet HTML 14Page - Intel Corporation NHIXP435AD Datasheet HTML 15Page - Intel Corporation NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
4.0 Non-Intel XScale® Technology Errata Descriptions
Intel® IXP43X Product Line of Network Processors
Specification Update
December 2008
16
Order Number: 316847; Revision: 005US
then output reports are transmitted to a device through the Control endpoint.
Status:
No Fix.
20.
Incorrect Inter-Packet Delay on USB interface.
Problem:
The Inter-Packet Delay (IPD) between two consecutive High-Speed transmit packets
from the USB ports does not meet the USB2.0 Compliant Test Specification of minimum
88 to maximum 192 bit time. As a result, unable to pass and obtain USB2.0 compliant
logo. The IPD is the time between the end of one packet to the start of the subsequent
packet.
Implication: Devices that connect to the USB interface may not be recognized when using High
Speed mode.
Workaround: None.
Status:
No Fix.
21.
USB 2.0 Device Reset during Bulk Out Transaction
Problem:
In High Speed mode, the bit stuffing mechanism fails to insert a zero on the seventh bit
position followed by six consecutive ones. As a result, the USB host fails to send the
entire MaxPacketSize, and illegal packets are detected at the device (for example
MDATA and Split Token in BULK OUT transfer). The device will be reset and packets are
re-transmitted.
Implication: Failure signature is intermittent. The USB device will be reset in between the
transmission cycles. Eventually the entire data size (or file) will successfully get to the
device. Meaning that the data could be delayed and cause a performance impact.
Workaround: None.
Status:
No Fix.
22.
RX FIFO Overflow Condition Not Properly Captured in the Rx Status
Register
Problem:
Whenever Rx FIFO overflows, it generates a rx_fifo_error signal to the Receive State
Machine (RSM). The RSM will transit to a state where it will report a status valid for NPE
to read the Rx Status register (via ECP_RdRxSts instruction). During this state, the
state machine fails to capture the rx_fifo_error signal properly and transits back to idle
state. This results in the Rx FIFO overflow condition not properly captured in the Rx
Status Register.
Implication: Causes no further packets to be received in the Rx FIFO. The issue is observed only
when TMII co-exist with HSS interface. Will not happen when the NPE runs in standard
MII mode.
Workaround: Workaround has been implemented in the Intel® IXP400 Software Version 3.0.1. The
Ethernet NPE measures the Rx idle time, and issues Ethernet MAC coprocessor
instruction (ECP_ClearRxError) to flush MAC Rx Engine FIFO to correct the lock-up
Table 3.
Tested Devices that Pass on the Intel® IXP43X Product Line of Network
Processors
Device
Capacity
External Vendor
Note
Storage: USB2.0 Flash Disk
512 MB
Sandisk*
-
Storage: USB2.0 Flash Disk
1 GB
Kingston*
-
Storage: USB2.0 Flash Disk
128 MB
Transcend*
-
Storage: USB1.1 Flash Disk
128 MB
HP*
-
Storage: USB2.0 2.5” HDD
80 GB
Samsung*
USB enclosure: Polar
Storage: USB2.0 3.5” HDD
80 GB
Seagate*
USB enclosure: Polar
Printer: USB2.0 HP Photosmart D5160
-
Hewlett Packard*
-
Printer: USB1.1 Epson Color Photo Stylus 790
-
Epson*
-
Webcam: USB2.0 Creative Webcam Live
-
Creative*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com