Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 22 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 22 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation NHIXP435AD Datasheet HTML 22Page - Intel Corporation NHIXP435AD Datasheet HTML 23Page - Intel Corporation NHIXP435AD Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
6.0 Specification Changes
Intel® IXP43X Product Line of Network Processors
Specification Update
December 2008
22
Order Number: 316847; Revision: 005US
6.0
Specification Changes
1.
Updates to Pull-Down Strapping resistor value
Issue:
The EX_ADDR[23:0] has a strong pull-up resistor attached internally. A 470 ohm
pull-down is required to override these pull-up resistors.
Affected Docs:Intel® IXP43X Product Line of Network Processors Datasheet, Intel® IXP43X Product
Line of Network Processors Hardware Design Guidelines and Intel® IXDP435 Multi-
Service Residential Gateway Reference Platform Schematics.
2.
Updates to Pull-Down Resistor Value on JTG_TRST_N
Issue:
The JTG_TRST_N has a strong pull-up resistor attached internally. A 100 ohm
pull-down is required to override this pull-up resistor.
Affected Docs:Intel® IXP43X Product Line of Network Processors Datasheet, Intel® IXP43X Product
Line of Network Processors Hardware Design Guidelines and Intel® IXDP435 Multi-
Service Residential Gateway Reference Platform Schematics.
3.
IEEE* 1588 Hardware Assistance Support
Issue:
The IEEE* 1588 standard defines a precision clock synchronization protocol for
Networked Measurement and Control Systems. It provides a kind of correction
mechanism by implementing several message exchange timing information to
synchronize individual clocks of the multiple systems. The Intel® IXP43X Product Line
of Network Processors provides hardware assist block to achieve this purpose. The
hardware assist block is called “Time Synchronization Hardware Assist” (TSYNC). Refer
to the Enabling Time Synchronization (IEEE1588) Hardware on Intel® IXP43X Network
Processors Application Notes.
The logic also supports one non-MII “auxiliary’ interface via GPIO[8:7] pins. The
GPIO[8:7] must be tied with a 10K-ohm pull-down while using the IEEE* 1588.
Affected Docs:Intel® IXP43X Product Line of Network Processors Developer’s Manual and Intel®
IXP43X Product Line of Network Processors Datasheet.
4.
Turbo-MII Mode Support
Issue:
Added new feature. The Intel® IXP43X Product Line of Network Processors support
Turbo MII (TMII) mode of operation. It is the standard MII supporting over clock up to
50 Mhz (instead of 25 Mhz) to provide throughput of 200 Mbps full-duplex. For details,
see the latest version of the Intel® IXP43X Product Line of Network Processors
Datasheet.
Affected Docs:Intel® IXP43X Product Line of Network Processors Datasheet.
5.
Add Procedure to Issue EMRS OCD Command during DDR SDRAM
Initialization
Issue:
The Intel® IXP43X Product Line does not support OCD calibration. According to the
JEDEC Standard for DDR2 SDRAM Specification, when OCD calibration is not used,
EMRS OCD Default command (A9=A8=A7=1) followed by EMRS OCD Calibration Mode
Exit command (A9=A8=A7=0) must be issued with other operating parameters of
EMRS.
Add the following procedures as step 16 in Section 11.2.2.10 DDR SDRAM Initialization
of the Intel® IXP43X Product Line of Network Processors Developer’s Manual:
EMRS OCD Default command (A9=A8=A7=1) followed by EMRS OCD Calibration Mode
Exit command (A9=A8=A7=0) must be issued. The ‘OCD Program’ field is mapped to
DCALADDR register bit[9:7].
1) Configure the DCALCSR register (Hex offset: CC00 F500) with bit[2:0]=’011’
2) Configure the DCALADDR register (Hex offset: CC00 F504) with bit[1:0]=’01’, and
bit[9:7]=’111’ to issue a OCD Default command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com