Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHIXP435AD Datasheet(PDF) 19 Page - Intel Corporation

Part # NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Datasheet(HTML) 19 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 15Page - Intel Corporation NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation NHIXP435AD Datasheet HTML 22Page - Intel Corporation NHIXP435AD Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
19
5.0 Intel XScale® Technology Errata Descriptions
Each of the preceding items may cause the performance monitoring count to increment
several times. The resulting performance monitoring count may be higher than
expected when the preceding items occur, but should never be lower than expected.
Workaround: There is no way to obtain the correct number of cycles stalled due to instruction cache
misses and instruction TLB misses. Extra counts due to branch instructions
mispredicted by the BTB may be one component of the unwanted count that can be
filtered out.
The number of mispredicted branches can also be monitored using performance
monitoring event 0x6 during the same time period as event 0x1. To obtain a value
closer to the correct one, the mispredicted branch number can then be subtracted from
the instruction cache stall number generated by the performance monitor. This
workaround only addresses counts contributed by branches that the BTB is able to
predict.
All the items in the preceding bulleted list still affect the count. Depending on the
nature of the code being monitored, this workaround may have limited value.
Status:
No Fix.
4.
In Special Debug State, Back-to-Back Memory Operations — Where
the First Instruction Aborts — May Cause a Hang
Problem:
When back-to-back memory operations occur in the Special Debug State (SDS, used by
ICE and Debug vendors) and the first memory operation gets a precise data abort, the
first memory operation is correctly cancelled and no abort occurs. Depending on the
timing, however, the second memory operation may not work correctly. The data cache
may internally cancel the second operation, but the register file may have score-
boarded registers for that second memory operation. The effect is that the processor
may hang (due to a permanently score-boarded register) or that a store operation may
be incorrectly cancelled.
Workaround: In Special Debug State, any memory operation that may cause a precise data abort
should be followed by a write-buffer drain operation. This precludes further memory
operations from being in the pipe when the abort occurs. Load Multiple/Store Multiple
that may cause precise data aborts should not be used.
Status:
No Fix.
5.
Accesses to the CP15 ID Register With Opcode2 > 0b001 Returns
Unpredictable Values
Problem:
The ARM Architecture Reference Manual (ARM DDI 0100E) states the following in
Chapter B-2, Section 2.3:
When an <opcode2> value corresponding to an unimplemented or reserved ID
register is encountered, the System Control processor returns the value of the main
ID register. ID registers other than the main ID register are defined so that when
implemented, their value cannot be equal to that of the main ID register. Software
can therefore determine whether they exist by reading both the main ID register
and the desired register and comparing their values. When the two values are not
equal, the desired register exists.
The Intel XScale processor does not implement any CP15 ID code registers other than
the Main ID register (opcode2 = 0b000) and the Cache Type register (opcode2 =
0b001). When any of the unimplemented registers are accessed by software (for
example, mrc p15, 0, r3, c15, c15, 2), the value of the Main ID register was to be
returned. Instead, an unpredictable value is returned.
Workaround: None.
Status:
No Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com