Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 89Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 254 page
background image
86
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 13-9. PWM Mode 2 Waveform
13.6.4
Mode 3 – Split 8-bit PWM
Timer 1 in PWM Mode 3 simply holds its count. The effect is the same as setting TR1 = 0.
Timer 0 in PWM Mode 3 establishes TL0 and TH0 as two separate PWM counters in a manner
similar to normal Mode 3. PWM Mode 3 on Timer 0 is shown in Figure 13-10. Only the Timer
Prescaler is available to change the output frequency during PWM Mode 3. TL0 can use the
Timer 0 control bits: GATE, TR0, INT0, PWM0EN and TF0. TH0 is locked into a timer function
and uses TR1, PWM1EN and TF1. RL0 provides the duty cycle for TL0 and RH0 provides the
duty cycle for TH0.
PWM Mode 3 is for applications requiring a single PWM channel and two timers, or two PWM
ch a nn els a nd a n e x t r a time r o r co u nt er. With T i me r 0 in PWM M o d e 3 , th e
AT89LP51RB2/RC2/IC2 can appear to have four Timer/Counters. When Timer 0 is in PWM
Mode 3, Timer 1 can be turned on and off by switching it out of and into its own Mode 3. In this
case, Timer 1 can still be used by the serial port as a baud rate generator or in any application
not requiring an interrupt. The following formulas give the output frequency and duty cycle for
Timer 0 in PWM Mode 3.
Note:
In Fast Mode, TPS applies only when the TnX2 bits in CKCON0 are set. TPS always
applies in Compatibility Mode, therefore setting TnX2 in Compatibility Mode will halve
the output frequency.
Tx
THx
FFh
Mode 3:
f
out
fSYS
256
-----------
1
TPS
1
+
---------------------
×
=
Mode 3, T0:
Duty Cycle %
100
RL0
256
-----------
×
=
Mode 3, T1:
Duty Cycle %
100
RH0
256
------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com