Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 89Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 90Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 91Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 92Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 93Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 94Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 254 page
background image
91
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
14.3
Auto-Reload Mode
Timer 2 can be programmed to count up or down when configured in its 16-bit auto-reload
mode. This feature is invoked by the DCEN (Down Counter Enable) bit located in the SFR
T2MOD (see Table 14-4). Upon reset, the DCEN bit is set to 0 so that timer 2 will default to
count up. When DCEN is set, Timer 2 can count up or down, depending on the value of the
T2EX pin. A summary of the Auto-Reload behaviors is listed in Table 14-5.
14.3.1
Up Counter
Figure 14-2 shows Timer 2 automatically counting up when DCEN = 0. In this mode Timer 2
counts up to MAX and then sets the TF2 bit upon overflow. The overflow also causes the timer
registers to be reloaded with BOTTOM, the 16-bit value in RCAP2H and RCAP2L. If EXEN2 = 1,
a 16-bit reload can be triggered either by an overflow or by a 1-to-0 transition at external input
T2EX. This transition also sets the EXF2 bit. Both the TF2 and EXF2 bits can generate an inter-
rupt. The Timer 2 overflow rate for this mode is given in the following equation:
Note:
In Fast Mode, TPS applies only when the T2X2 bit in CKCON0 is set. TPS always
applies in Compatibility Mode, therefore setting T2X2 in Compatibility Mode will double
the timeout period.
Figure 14-2. Timer 2 Diagram: Auto-Reload Mode (DCEN = 0)
Table 14-5.
Summary of Auto-Reload Modes
DCEN
T2EX
Direction
Behavior
0
X
Up
reload to BOTTOM
1
0
Down
underflow to MAX
1
1
Up
overflow to BOTTOM
BOTTOM
MAX
→
MAX
BOTTOM
→
BOTTOM
MAX
→
Auto-Reload Mode:
DCEN = 0
Time-out Period
65536
RCAP2H RCAP2L
{,
}
–
fSYS
-------------------------------------------------------------------------------
TPS
1
+
()
×
=
CLKSYS
TL2
TH2
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com