Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 19Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 20Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 21Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 22Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 23Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 24Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 254 page
background image
23
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
3.5
Extended Stack
The AT89LP51RB2/RC2/IC2 provides an extended stack space for applications requiring addi-
tional stack memory. By default the stack is located in the 256-byte IDATA space of internal data
memory. The IDATA stack is referenced solely by the 8-bit Stack Pointer (SP: 81H). Setting the
XSTK bit in AUXR1 (see Table 5-6) enables the extended stack. The extended stack resides in
the EDATA space for up to 2KB of stack memory. The extended stack is referenced by an 11-bit
pointer formed from SP and the three LSBs of the Extended Stack Pointer (SPX: EFH) as shown
in Figure 3-16. SP is shared between both stacks. Note that the standard IDATA stack will not
overflow to the EDATA stack or vice versa. The stack and extended stack are mutually exclusive
and SPX is ignored when XTSK=0. An application choosing to switch between stacks by tog-
gling XSTK must maintain separate copies of SP for use with each stack space. Interrupts
should be disabled while swapping copies of SP in such an application to prevent illegal stack
accesses.
All interrupt calls and PUSH, POP, ACALL, LCALL, RET and RETI instructions will incur a one
or two-cycle penalty while the extended stack is enabled, depending on the number of stack
access in each instruction. The extended stack may only exist within the internal EDATA space;
it cannot be placed in XDATA. The stack will continue to use EDATA even if EDATA is disabled
by setting EXRRAM = 1.
Figure 3-16. Stack Configurations
7
0
00h
FFh
IDATA
(256)
SP
7
0
00h
7FFh
EDATA
(2K)
SP
20
SPX
XSTK = 0
XSTK = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com