Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 48Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 49Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 50Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 51Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 52Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 53Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 54Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 55Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 254 page
background image
52
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 7-2.
Power-on Reset Sequence
Note:
tPOR is approximately 143 µs ± 5%.
7.2
Brown-out Reset
The AT89LP51RB2/RC2/IC2 has an on-chip Brown-out Detection (BOD) circuit for monitoring
the V
DD level during operation by comparing it to a fixed trigger level. The trigger level VBOD for
the BOD is nominally 2.0V. The purpose of the BOD is to ensure that if V
DD fails or dips while
executing at speed, the system will gracefully enter reset without the possibility of errors induced
by incorrect execution. A BOD sequence is shown in Figure 7-3. When V
DD decreases to a value
below the trigger level V
BOD, the internal reset is immediately activated. When VDD increases
above the trigger level plus about 200 mV of hysteresis, the start-up timer releases the internal
reset after the specified time-out period has expired (Table 7-1).
The BOD does not generate a reset output pulse except as part of a POR event.
Table 7-1.
Start-up Timer Settings
SUT Fuse 1
SUT Fuse 0
Clock Source
t
SUT (± 5%) µs
00
Internal RC/External Clock
16
Crystal Oscillator
1024
01
Internal RC/External Clock
512
Crystal Oscillator
2048
10
Internal RC/External Clock
1024
Crystal Oscillator
4096
11
Internal RC/External Clock
4096
Crystal Oscillator
16384
VDD
RST
Time-out
t
POR
t
RHD
V
POR
Internal
Reset
RST
Internal
Reset
V
IL
t
SUT
V
BOD
(RST left unconnected)
(RST extended
externally)
POL
(POL Tied to VCC)
V
IL
output
output
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com