Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RC2 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 43Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 44Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 45Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 46Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 254 page
background image
43
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
6.2
External Clock Source A
The external clock option disables the oscillator amplifier and allows XTAL1A to be driven
directly by an external clock source as shown in Figure 6-4. XTAL2A may be left unconnected,
used as general purpose I/O P4.7, or configured to output a divided version of the system clock.
Figure 6-4.
External Clock A Drive Configuration
6.3
Internal RC Oscillator
The AT89LP51RB2/RC2/IC2 has an Internal RC oscillator tuned to 8.0 MHz ±2.5%. When
enabled as clock source A, XTAL1A and XTAL2A may be used as P4.6 and P4.7 respectively.
For AT89LP51IC2 the internal oscillator can also be selected for clock source B, freeing up
XTAL1B and XTAL2B to act as P1.0 and P4.2 respectively. The frequency of the oscillator may
be adjusted within limits by changing the RC Calibration Byte stored at byte 384 of the User Sig-
nature Array. This location may be updated using the IAP interface or by an external device
programmer (User Signature location 0180H). See Section 24.1.2 “Atmel Signature Array” on
page 188. A copy of the factory calibration byte is stored at byte 8 of the Atmel Signature Array
(0008H in SIG space).
6.4
Crystal Oscillator B (AT89LP51IC2)
AT89LP51IC2 includes a second crystal oscillator for low-frequency (~32 KHz) operation. When
enabled, internal inverting oscillator amplifier B is connected between XTAL1B and XTAL2B for
connection to an external quartz crystal or ceramic resonator as shown in Figure 6-5. Note that
in some cases, external capacitors C1 and C2 may be reduced due to the on-chip capacitance
of the XTAL1B and XTAL2B inputs (approximately 10 pF each). An on-chip series resistance is
included between the amplifier and the XTAL2B pad to limit the drive level. In most cases an
external series resistor is not required. When using the crystal oscillator, P1.0 and P4.2 will have
their inputs and outputs disabled. Also, XTAL2B in crystal oscillator mode should not be used to
directly drive a board-level clock without a buffer.
Please note that the low-frequency oscillator may have a very long settling time. The system
must ensure that the oscillator has sufficient time to stabilize before the device is allowed to
operate from this clock source.
XTAL2A (P4.7)
XTAL1A (P4.6)
GND
NC GPIO
EXTERNAL
OSCILLATOR
SIGNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com